Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 8Page - STMicroelectronics AN2115 Datasheet HTML 9Page - STMicroelectronics AN2115 Datasheet HTML 10Page - STMicroelectronics AN2115 Datasheet HTML 11Page - STMicroelectronics AN2115 Datasheet HTML 12Page - STMicroelectronics AN2115 Datasheet HTML 13Page - STMicroelectronics AN2115 Datasheet HTML 14Page - STMicroelectronics AN2115 Datasheet HTML 15Page - STMicroelectronics AN2115 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Operation description
AN2115
12/33
Doc ID 11165 Rev 5
Since the device can be synchronized at a higher frequency, the inductor value can be
adjusted based on this. In fact, for a given current ripple, the required inductor value is
inversely proportional to the frequency. Finally, the input voltage affects the OFF time slope
as well. This is obvious because, for a given duty cycle, the output voltage (and thus the
OFF time inductor current slope) is directly proportional to the input voltage.
In order to better manage these issues, the amount of slope compensation in the L6928
depends both on the switching frequency and input voltage.
In the table above the minimum inductance values to ensure current loop stability with input
voltage of 3.3 V and 5 V are shown. There is also a maximum inductor value, because if the
inductor is too high the inductor current ripple will be very low (theoretically down to zero)
and will be compared with the slope compensation (a triangular waveform) to generate the
duty cycle. This system is similar to the voltage mode control causing stability problems due
to the LC double pole (the pole splitting effect will not be present).
4.3.2
Voltage loop compensation
After closing the current loop, the pole splitting effect will separate the complex double pole,
due to the inductor and the output capacitor, into 2 separate poles. The pole due to the
inductor will shift outside of the system bandwidth (i.e. the inductor ideally acts like a current
source), while the pole due to the output capacitor will remain within the bandwidth.
Figure 9 shows the equivalent circuit used to study the voltage loop compensation:
Table 2.
Minimum inductor value to ensure loop stability
Vin [V]
Vout [V]
FSW [kHz]
Minimum inductor
value [µH]
3.3
1.8
1000
1.0
2000
1.0
53.3
1000
2.2
2000
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com