Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 25Page - STMicroelectronics AN2115 Datasheet HTML 26Page - STMicroelectronics AN2115 Datasheet HTML 27Page - STMicroelectronics AN2115 Datasheet HTML 28Page - STMicroelectronics AN2115 Datasheet HTML 29Page - STMicroelectronics AN2115 Datasheet HTML 30Page - STMicroelectronics AN2115 Datasheet HTML 31Page - STMicroelectronics AN2115 Datasheet HTML 32Page - STMicroelectronics AN2115 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AN2115
Application ideas
Doc ID 11165 Rev 5
29/33
voltage). The forward voltage across a white LED is approximately 3.6 V and so, depending
on the input source, appropriate topologies must be used.
10.2.1
Driving white LEDs: buck topology
The simple buck topology can be used when the input voltage source is higher than
approximately 4.5 V, which is the case, for example, with a USB bus.
Figure 24.
Buck LED
In this case, the maximum device current (800 mA, continuous) can be delivered to the LED.
Moreover, in this topology the efficiency is maximized.
10.2.2
Driving white LEDs: boost topology
When the input voltage source is always lower than 3 V (which is the case, for example, of 2
NiMH battery cells) a boost topology must be implemented, as shown in Figure 25.
Figure 25.
Boost LED
In this case, according to the boost topology, the maximum current that can be delivered
depends on the duty cycle. The relation between the output current and the internal switch
current (assuming a negligible current ripple and 100% efficiency) is given in Equation 24:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com