Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 13Page - STMicroelectronics AN2115 Datasheet HTML 14Page - STMicroelectronics AN2115 Datasheet HTML 15Page - STMicroelectronics AN2115 Datasheet HTML 16Page - STMicroelectronics AN2115 Datasheet HTML 17Page - STMicroelectronics AN2115 Datasheet HTML 18Page - STMicroelectronics AN2115 Datasheet HTML 19Page - STMicroelectronics AN2115 Datasheet HTML 20Page - STMicroelectronics AN2115 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN2115
Synchronization
Doc ID 11165 Rev 5
17/33
Equation 9
Thanks to the very low FB leakage current (25 nA), high R3 and R2 values can be chosen
(hundreds of k
Ω) which increase system efficiency at very low load.
5.4
OVP (overvoltage protection)
The device is equipped with an internal overvoltage protection circuit to protect the load. If
the voltage at the feedback pin goes higher than an internal threshold set at 10% (typ.)
higher than the reference voltage, the low side MOSFET is turned on until the feedback
voltage goes lower than the reference voltage. During overvoltage circuit intervention, the
zero crossing comparator is disabled so that the device is also able to sink current.
5.5
Thermal shutdown
The device also has thermal shutdown protection, which is activated when the junction
temperature reaches 155 °C. In this case both the high and low side MOSFETs are turned
off.
Once the junction temperature goes back below 95 °C, the device resumes normal
operation.
V
out
0.6
1
R
3
R
2
-------
+
⎝⎠
⎛⎞
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com