Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 15Page - STMicroelectronics AN2115 Datasheet HTML 16Page - STMicroelectronics AN2115 Datasheet HTML 17Page - STMicroelectronics AN2115 Datasheet HTML 18Page - STMicroelectronics AN2115 Datasheet HTML 19Page - STMicroelectronics AN2115 Datasheet HTML 20Page - STMicroelectronics AN2115 Datasheet HTML 21Page - STMicroelectronics AN2115 Datasheet HTML 22Page - STMicroelectronics AN2115 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN2115
Application information
Doc ID 11165 Rev 5
19/33
This ripple, multiplied by the ESR of the output capacitor, is the output voltage ripple.
Tantalum and ceramic capacitors are usually good for this purpose. Ceramic capacitors
have the minimum ESR for a given size, so for very compact applications they are the best
choice.
POSCAP capacitors from Sanyo are also a good choice for the output filter. The list below
provides some capacitor manufacturers.
6.1.3
Inductor
The inductor value establishes the ripple current flowing through the output capacitor. The
ripple current is usually fixed at 20% - 40% of the output current, an approximation of which
is obtained with the following formula:
Equation 13
For example, with Vout = 3.3 V, Vin = 4.2 V (Li-Ion battery fully charged), FSW = 1.4 MHz, IO
= 600 mA and
ΔI = 200 mA, the inductor value is about 3.3 µH. The peak current through the
inductor is given by:
Equation 14
Note that if the inductor value decreases, the peak current (which must be lower than the
current limit of the device) increases. This peak current must be lower than the saturation
current of the choke.
This is particularly important when using ferrite cores because they can saturate severely.
The inductance value decreases abruptly when the saturation threshold is exceeded, thus
causing an abrupt increase in the current flowing through it.
The inductor should be selected with system stability taken into consideration (see the
paragraph regarding slope compensation).
Parasitic resistance should also be considered when selecting the inductor, as too high a
value can decrease efficiency. In the following table some inductor manufacturers are listed.
Table 4.
Recommended output capacitors
Manufacturer
Series
Cap value (µF)
Rated voltage (V)
ESR (m
Ω)
Panasonic
ECJ
10 to 47
6.3
10
Panasonic
EEF
22 to 47
6.3
60 to 90
Taiyo Yuden
JMK
10 to 47
6.3
10
Sanyo POSCAP
TPA
47 to 100
6.3
80 to 100
Murata
GRM
10 to 22
6.3
5 to 10
L
V
in
V
out
–
()
ΔI
------------------------------
T
ON
•
=
I
PK
I
o
ΔI
2
-----
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com