Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 14Page - STMicroelectronics AN2115 Datasheet HTML 15Page - STMicroelectronics AN2115 Datasheet HTML 16Page - STMicroelectronics AN2115 Datasheet HTML 17Page - STMicroelectronics AN2115 Datasheet HTML 18Page - STMicroelectronics AN2115 Datasheet HTML 19Page - STMicroelectronics AN2115 Datasheet HTML 20Page - STMicroelectronics AN2115 Datasheet HTML 21Page - STMicroelectronics AN2115 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Application information
AN2115
18/33
Doc ID 11165 Rev 5
6
Application information
6.1
External component selection
6.1.1
Input capacitor
The input capacitor must be able to support the maximum input operating voltage and the
maximum RMS input current. Since step-down converters draw current from the input in
pulses, the input current is squared and the height of each pulse is equal to the output
current.
The RMS input current (flowing through the input capacitor) is:
Equation 10
Where
η is the expected system efficiency, D is the duty cycle and I
o is the output DC
current. Assuming
η = 1, this function reaches its maximum value at D = 0.5 and the
equivalent RMS current is equal to Io/2. The maximum and minimum duty cycles are:
Equation 11
Equation 12
Depending on the output voltage value, the worst case could occur when the input battery is
nearly discharged. Usually the best choice for the input capacitor is the MLCC (multi layer
ceramic capacitor) thanks to its very small size and very low ESR. Table 3 provides a list of
some MLCC manufacturers.
6.1.2
Output capacitor
The output capacitor is very important for satisfying the output voltage ripple requirement.
Very small inductor values reduce the size and cost of the application but increase the
current ripple.
Table 3.
Recommended input capacitors
Manufacturer
Series
Cap value (µF)
Rated voltage (V)
ESR@1.4 MHz
(m
Ω)
Panasonic
ECJ
10 to 22
6.3
10
Taiyo Yuden
JMK
10 to 22
6.3
10
Murata
GRM
10 to 22
6.3
5 to 10
I
RMS
I
o
D
2D
2
•
η
----------------
–
D
2
η
2
-------
+
•
=
D
MAX
V
o
V
inMIN
-----------------
=
D
MIN
V
o
V
inMAX
-------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com