Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 18Page - STMicroelectronics AN2115 Datasheet HTML 19Page - STMicroelectronics AN2115 Datasheet HTML 20Page - STMicroelectronics AN2115 Datasheet HTML 21Page - STMicroelectronics AN2115 Datasheet HTML 22Page - STMicroelectronics AN2115 Datasheet HTML 23Page - STMicroelectronics AN2115 Datasheet HTML 24Page - STMicroelectronics AN2115 Datasheet HTML 25Page - STMicroelectronics AN2115 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Application information
AN2115
22/33
Doc ID 11165 Rev 5
6.2.3
Gate charge losses
The gate charge losses derive from switching the gate capacitance of the internal
MOSFETs. The gate capacitances (CH for the high side MOSFETs and CL for the low side
MOSFETs) are charged and discharged with the input voltage at the switching frequency.
Equation 21
These losses are also directly proportional to the switching frequency and input voltage but
are usually negligible compared with the conduction and switching losses.
6.2.4
Thermal consideration
Depending on the application conditions (input voltage, switching frequency, output current)
and ambient temperature, the heat produced by device losses could increase the junction
temperature to over its absolute maximum rating. The following equation can estimate the
junction temperature of the device:
Equation 22
where TA is the ambient temperature of the application, RTH_JA is the thermal resistance
junction to ambient of the package and Ptot is the overall power dissipated by the device.
RTH_JA depends to some degree on the application board but it can considered
approximately equal to 180 °C/W. Ptot given by:
Equation 23
Figure 13.
Thermal performance results: Vin = 3.7 V, Vout = 1.8 V, Iout = 800 mA
The figure above shows the thermal performance of the device mounted on the application
board, which is described in the following paragraph.
P
GATE
CHANGE
–
V
in
2
C
H
C
L
+
()
•
F
SW
•
=
T
j
T
A
R
TH
JA
–
P
tot
•
+
=
P
tot
P
MOS
P
SWITCHING
P
GATE
CHARGE
–
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com