Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 12Page - STMicroelectronics AN2115 Datasheet HTML 13Page - STMicroelectronics AN2115 Datasheet HTML 14Page - STMicroelectronics AN2115 Datasheet HTML 15Page - STMicroelectronics AN2115 Datasheet HTML 16Page - STMicroelectronics AN2115 Datasheet HTML 17Page - STMicroelectronics AN2115 Datasheet HTML 18Page - STMicroelectronics AN2115 Datasheet HTML 19Page - STMicroelectronics AN2115 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Synchronization
AN2115
16/33
Doc ID 11165 Rev 5
5
Synchronization
The device can also be synchronized with an external signal from 1 MHz up to 2 MHz
through the internal PLL. When the device is locked, the external signal and the high side
turn on rising edges are aligned. In this case, low noise mode is automatically selected.
The device could skip some cycles in very light load conditions depending on the
input/output conditions. The internal synchronization circuit is inhibited in short circuit and
overvoltage conditions in order to keep the protections effective (see relative sections).
The synchronization signal amplitude can range typically from 1 V to VCC and the duty factor
can range typically from 20% to 80%. Occasionally, if the synchronization signal duty cycle
is very similar to the application duty factor, a jittering can be detected on the LX pin. In this
case some practical solutions are listed below:
1.
Change the synchronization signal duty factor.
2.
Decrease the synchronization signal amplitude.
3.
Add a 20 pF capacitor between the COMP pin and ground.
The device switches at 1.4 MHz (typ.) if no synchronization signal is applied.
5.1
Dropout operation
The Li-Ion battery voltage ranges from approximately 3 V to 4.2 V (depending on the anode
material). If the regulated output voltage is from 2.5 V and 3.3 V, it is possible for the battery
voltage to decrease to the regulated voltage near the end of battery life.
In this case, the device stops switching and works at 100% of duty cycle, minimizing the
dropout voltage and the device losses. The minimum input voltage necessary to ensure
output regulation can be calculated as:
Equation 8
Where RDS(on)_HS_MAX is the maximum high side resistance and RL is the series inductor
resistance.
5.2
PGOOD (Power Good output)
The device also features a Power Good output signal. The VFB pin is internally connected to
a comparator with a threshold set at 90% of the reference voltage (0.6 V). Since the output
voltage is connected to the VFB pin by a resistor divider, when the output voltage goes lower
than the regulated value, the VFB pin voltage goes lower than 90% of the internal reference
value. The internal comparator is triggered and the Power Good pin is pulled down. The pin
is an open drain output, so it should be connected to a pull up resistor. If the feature is not
required, the pin can be left floating.
5.3
Adjustable output voltage
The output voltage can be adjusted by an external resistor divider from a minimum value of
0.6 V up to the input voltage. The output voltage value is given by:
V
in
MIN
–
V
o
I
o
R
DS on
() HS
–
MAX
–
R
L
+
()
•
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com