Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 10Page - STMicroelectronics AN2115 Datasheet HTML 11Page - STMicroelectronics AN2115 Datasheet HTML 12Page - STMicroelectronics AN2115 Datasheet HTML 13Page - STMicroelectronics AN2115 Datasheet HTML 14Page - STMicroelectronics AN2115 Datasheet HTML 15Page - STMicroelectronics AN2115 Datasheet HTML 16Page - STMicroelectronics AN2115 Datasheet HTML 17Page - STMicroelectronics AN2115 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Operation description
AN2115
14/33
Doc ID 11165 Rev 5
4.4
Short circuit protection
Due to the peak current mode architecture, the peak current flowing through the high side
switch is accurately sensed.
When this current reaches the peak current limit threshold, the P-channel MOSFET is
turned off. In this way, the ON time of the high side switch, TON, is reduced and the output
voltage decreases. The TON can decrease down to its minimum value of around 200 nsec
(TMIN). In this condition, however, a strong overload or short circuit could result in a further
increase in peak current.
Equation 4
Equation 5
It can be observed in the equations above that in short circuit condition the output voltage is
zero and thus the negative slope will be zero. Since the positive slope increases with every
cycle, the inductor current will likewise increase cycle by cycle.
In order to determine at what point this phenomenon will cease, some real parameters
should be considered.
Figure 10.
Equivalent buck converter circuit (during ON time)
Figure 11.
Equivalent buck converter circuit (during OFF time)
Considering the figures above, particularly during OFF time, even though the output voltage
is equal to zero, the output current generates the voltage drop necessary to produce a
negative slope on the parasitic resistances.
ΔI
ON
V
in
V
out
–
()
L
------------------------------
T
ON
•
=
(Positive slope)
ΔI
OFF
V
out
L
-----------
T
OFF
•
=
(Negative slope)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com