Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 7Page - STMicroelectronics AN2115 Datasheet HTML 8Page - STMicroelectronics AN2115 Datasheet HTML 9Page - STMicroelectronics AN2115 Datasheet HTML 10Page - STMicroelectronics AN2115 Datasheet HTML 11Page - STMicroelectronics AN2115 Datasheet HTML 12Page - STMicroelectronics AN2115 Datasheet HTML 13Page - STMicroelectronics AN2115 Datasheet HTML 14Page - STMicroelectronics AN2115 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN2115
Operation description
Doc ID 11165 Rev 5
11/33
4.3
System stability
Since the device is designed with a current mode architecture, loop stability is rarely a
significant issue. For most applications a 220 pF capacitor connected between the COMP
pin and ground is sufficient to guarantee stability. If very low ESR capacitors are used for the
output filter, such as multilayer ceramic capacitors, the zero introduced by the capacitor itself
can shift at very high frequency and the transient loop response could be affected. Adding a
series resistor to the 220 pF capacitor may resolve this problem. The appropriate value for
the resistor (in the range of 50 k
Ω) can be determined by checking the load transient
response of the device. Basically, the output voltage should be checked with an oscilloscope
after the load steps required by the application.
If there are stability problems, the output voltage could oscillate before reaching the
regulated value after a load step. The current mode stability can be observed in two
consecutive steps: first, the inner (current) loop is closed, then the second (voltage) loop
stability is considered.
4.3.1
Current loop compensation
The constant frequency, peak current mode control architecture offers numerous
advantages: easy compensation with ceramic output capacitors, fast transient response and
intrinsic peak current measurement which simplifies the current limit protection.
One drawback, however, is that the current loop becomes unstable when the duty cycle
exceeds 50%. This phenomenon is known as "sub-harmonic oscillation" and can be avoided
by adding an external ramp to the one coming from the sensed current (or, by subtracting it
from the control value, which is the E/A output voltage).
This additional ramp is called "slope compensation". In the L6928 the slope compensation is
implemented from a duty cycle of around 25% - 30%, as shown in Figure 8.
Figure 8.
Slope compensation
The figure above shows that the current limit value will depend on the duty factor, so
changing the output voltage will also change the maximum output load.
The amount of slope compensation depends on the inductor current slope during the OFF
time. This slope, for a given duty cycle, is inversely proportional to the inductor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com