Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 16Page - STMicroelectronics AN2115 Datasheet HTML 17Page - STMicroelectronics AN2115 Datasheet HTML 18Page - STMicroelectronics AN2115 Datasheet HTML 19Page - STMicroelectronics AN2115 Datasheet HTML 20Page - STMicroelectronics AN2115 Datasheet HTML 21Page - STMicroelectronics AN2115 Datasheet HTML 22Page - STMicroelectronics AN2115 Datasheet HTML 23Page - STMicroelectronics AN2115 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Application information
AN2115
20/33
Doc ID 11165 Rev 5
6.1.4
Compensation network (R1 C3)
As shown in Section 4.3 the system stability can be studied using the loop transfer function
given by Equation 3. If the output capacitor is of the ceramic type, the zero due to the ESR
will generally be outside of the system bandwidth. Thus, the stability of the system will be
ensured by the cancellation between the pole due to the output capacitor, the equivalent
load and the R1C3 zero. Equation 15 represents a simplified gain loop expression,
applicable around the transition frequency fT:
Equation 15
Assuming that C2 = 10 µF, the transition frequency at 0 dB = 30 kHz (fT is equal to the
system bandwidth), and the output voltage = 1.8 V, the value of R1 can be calculated as:
Equation 16
The nearest standard E12 series value is R1 = 24 kΩ.
The higher the bandwidth, the faster the transient response will be, but the bandwidth (and
so the R1 value) must be lower than fSW/10 to avoid being influenced by the sampling effect
poles as mentioned in Section 4.3. The zero due to the compensation network must be at
the least 5 times before the frequency transition, so the value of C3 will be:
Equation 17
The nearest standard value is C3 = 220 pF
Table 5.
Recommended inductors
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Coilcraft
DO1607C
6.8 to 15
0.72 to 0.96
DT1608C
6.8 to 15
0.6 to 1
LPO1704
6.8 to 10
0.8 to 0.9
CH4192-A
4.7
1.3
DO1606T
6.8 to 10
1 to 1.1
Panasonic
ELL6RH
6.2 to 22
0.7 to 1.4
ELL6GM
6.8 to 10
0.93 to 1.1
Toko
D62CB
10 to 22
0.71 to 1.07
D62C
10 to 22
0.63 to 0.99
Coiltronics
SD10
3.3 to 6.2
0.92 to 1.31
SD12
3.3 to 6.2
1.08 to 1.42
G
LOOP s
()
g
mR1α
sC
2
-------------------
=
R
1
2
πf
TC2
g
mα
-------------------
24k
Ω
=
=
C
3
5
2
πf
TR1
-------------------
220pF
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com