Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 24Page - STMicroelectronics AN2115 Datasheet HTML 25Page - STMicroelectronics AN2115 Datasheet HTML 26Page - STMicroelectronics AN2115 Datasheet HTML 27Page - STMicroelectronics AN2115 Datasheet HTML 28Page - STMicroelectronics AN2115 Datasheet HTML 29Page - STMicroelectronics AN2115 Datasheet HTML 30Page - STMicroelectronics AN2115 Datasheet HTML 31Page - STMicroelectronics AN2115 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
Application ideas
AN2115
28/33
Doc ID 11165 Rev 5
10
Application ideas
10.1
Buck boost topology
In portable applications, the input voltage changes significantly due to the battery discharge
profile, which often depends on parameters like temperature, discharge rate, battery ageing,
etc. Moreover, in certain applications the output voltage requirements can also change.
This could imply that is not possible to provide the desired regulated output voltage using a
simple buck topology. This problem is often present, for example, in systems using a single
Li-Ion cell, whose voltage profile changes from 4.2 V down to 2.7 V or less. In fact, in these
systems, a 3.3 V output is normally required to power the processor I/O, memory and logic.
Adopting the buck topology, the 3.3 V output can be regulated until the battery voltage is
approximately 3.4 V, depending also on the minimum dropout of the regulator. Depending
on the battery type and conditions, this would leave unused some 20 - 40% of its capacity.
Another even more critical application is the power management of 3G phones, where 3.7 V
or more can be required to power the RF power amplifier (PA).
In order to use the full battery capacity in these applications, a positive buck boost topology
can be used. Figure 23 shows how to implement this topology using the L6928. This
topology may be more suitable than a standard buck, depending on the battery discharge
profile and the load conditions. In fact, the efficiency loss of the buck boost topology can be
translated into an equivalent loss in battery capacity. This can then be compared with the
gain in battery capacity due to the fact that it is used over the full voltage range.
Figure 23.
Positive buck boost application. 1 Li-Ion cell to 3.3 V@0.25 A
10.2
White LEDs
White LEDs are now widely used both for LCD backlighting and for illumination. Since their
brightness is proportional to the current flowing through them, a current control loop must be
implemented rather than a voltage control loop. The L6928 can be used in a current control
architecture by simply inserting a sense resistor between the FB and GND pins and
connecting the LED in series with it. The loop will set 0.6 V across the sense resistor and
thus a constant current flow through the LED. The current, and therefore the brightness, can
be adjusted by changing the resistor value or the voltage across it (by partitioning the FB pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com