Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2115 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2115
Description  This application note details the main features
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2115 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2115 Datasheet HTML 9Page - STMicroelectronics AN2115 Datasheet HTML 10Page - STMicroelectronics AN2115 Datasheet HTML 11Page - STMicroelectronics AN2115 Datasheet HTML 12Page - STMicroelectronics AN2115 Datasheet HTML 13Page - STMicroelectronics AN2115 Datasheet HTML 14Page - STMicroelectronics AN2115 Datasheet HTML 15Page - STMicroelectronics AN2115 Datasheet HTML 16Page - STMicroelectronics AN2115 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN2115
Operation description
Doc ID 11165 Rev 5
13/33
Figure 9.
Equivalent circuit for voltage loop analysis
To complete the power stage analysis, the zero due to the output capacitor ESR should be
considered.
Equation 1
In Equation 1 the power stage transfer function is shown, where RO is the output equivalent
resistor load (Vo/Io). It can be observed that the pole due to the output capacitor shifts in
frequency based on the load value.
In order to have zero DC error regulation, the feedback voltage loop is implemented with an
integrator stage, the transfer function of which is shown in Equation 2.
Equation 2
where gm is the integrator transconductance (250 µS). The total gain loop is:
Equation 3
where AV is the current loop factor (1 Ω typ.) and α is the resistor feedback network partition
(R2/(R2+R3). Equation 3 does not consider the poles due to the sampling effect which are
placed at half of the switching frequency.
Once the gain loop is known, the system will be stabilized with the compensation network as
shown in the Section 6.1.4.
Hs
()
V
o s
()
I
L s
()
---------------
sC
oESR
1
+
()R
o
sC
o ESR
R
o
+
() 1
+
----------------------------------------------------
=
=
Gs
()
g
mα
A
V
-----------
sC
CRC
1
+
sC
C
-----------------------------
⎝⎠
⎛⎞
=
G
LOOP s
()
R
ogmα 1sESRCo
+
() sC
CRC
1
+
()
A
VsCC 1sCo ESR
R
o
+
()
+
()
--------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com