Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 5Page - STMicroelectronics AN3233 Datasheet HTML 6Page - STMicroelectronics AN3233 Datasheet HTML 7Page - STMicroelectronics AN3233 Datasheet HTML 8Page - STMicroelectronics AN3233 Datasheet HTML 9Page - STMicroelectronics AN3233 Datasheet HTML 10Page - STMicroelectronics AN3233 Datasheet HTML 11Page - STMicroelectronics AN3233 Datasheet HTML 12Page - STMicroelectronics AN3233 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
AN3233
Main characteristics and circuit description
Doc ID 17595 Rev 1
9/35
the minimum switching frequency. The R-C series R44 and C18 sets both soft-start
maximum frequency and duration.
L6599A overload and short-circuit protection
The current into the primary winding is sensed by the loss-less circuit R41, C27, D11, D10,
R39, and C25 and it is fed into the ISEN pin (pin 6). In the case of overcurrent, the voltage
on the pin overpasses an internal threshold (0.8 V) that triggers a protection sequence. The
capacitor (C45) connected to the DELAY pin (pin 2) is charged by an internal 150 µA current
generator and is slowly discharged by the external resistor (R24). If the voltage on the pin
reaches 2 V, the soft-start capacitor is completely discharged so that the switching
frequency is pushed to its maximum value. As the voltage on the pin exceeds 3.5 V the IC
stops switching and the internal generator is turned off, so that the voltage on the pin decays
because of the external resistor. The IC is soft-restarted as the voltage drops below 0.3 V. In
this way, under short-circuit conditions, the converter works intermittently with very low input
average power.
Open loop protection
Both circuit stages, PFC and resonant, are equipped with their own overvoltage protections.
The PFC controller L6563H monitors its output voltage via the resistor divider connected to
a dedicated pin (PFC_OK, pin 7) protecting the circuit in case of loop failures or
disconnection. If a fault condition is detected, the internal circuitry latches the L6563H
operations and, by means of the PWM_LATCH pin (pin 8), it also latches the L6599A via the
DIS pin (pin 8). The converter is kept latched by the L6563H internal HV start-up circuit that
supplies the IC by charging the Vcc capacitor periodically. To resume converter operation, a
mains restart is necessary.
The output voltage is monitored by sensing the Vcc voltage. If Vcc voltage overrides the D12
breakdown voltage, Q9 pulls down the L6563H INV pin latching the converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com