Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 8Page - STMicroelectronics AN3233 Datasheet HTML 9Page - STMicroelectronics AN3233 Datasheet HTML 10Page - STMicroelectronics AN3233 Datasheet HTML 11Page - STMicroelectronics AN3233 Datasheet HTML 12Page - STMicroelectronics AN3233 Datasheet HTML 13Page - STMicroelectronics AN3233 Datasheet HTML 14Page - STMicroelectronics AN3233 Datasheet HTML 15Page - STMicroelectronics AN3233 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Efficiency measurement
AN3233
12/35
Doc ID 17595 Rev 1
Light load operation efficiency
Measurement results are reported in Table 2 and plotted in Figure 4. As can be seen,
efficiency is better than 50 % even for very light loads such as 500 mW.
Figure 4.
Light load efficiency diagram
Table 2.
Light load efficiency
Test
230 V - 50 Hz
115 V - 60 Hz
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
[%]
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
[%]
0.25 W
12.12
20.84
0.253
0.581
43.5 %
12.12
20.84
0.253
0.565
44.7 %
0.5 W
12.12
41.34
0.501
0.931
53.8 %
12.12
41.34
0.501
0.912
55.0 %
1.0 W
12.12
82.65
1.002
1.553
64.5 %
12.12
82.65
1.002
1.552
64.5 %
1.5 W
12.12
123.93
1.502
2.203
68.2 %
12.12
123.93
1.502
2.211
67.9 %
2.0 W
12.12
164.93
1.999
2.797
71.5 %
12.12
164.93
1.999
2.828
70.7 %
2.5 W
12.12
206.75
2.506
3.392
73.9 %
12.12
206.75
2.506
3.439
72.9 %
3.0 W
12.11
248.00
3.003
3.979
75.5 %
12.11
248.00
3.003
4.040
74.3 %
3.5 W
12.11
288.25
3.491
4.560
76.6 %
12.11
288.25
3.491
4.644
75.2 %
4.0 W
12.11
330.06
3.997
5.155
77.5 %
12.11
330.06
3.997
5.258
76.0 %
4.5 W
12.11
372.31
4.509
5.748
78.4 %
12.11
372.31
4.509
5.874
76.8 %
5.0 W
12.11
413.34
5.006
6.327
79.1 %
12.11
413.34
5.006
6.474
77.3 %
40%
45%
50%
55%
60%
65%
70%
75%
80%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Pout [W]
230V-50Hz
115V-60Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com