Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 27Page - STMicroelectronics AN3233 Datasheet HTML 28Page - STMicroelectronics AN3233 Datasheet HTML 29Page - STMicroelectronics AN3233 Datasheet HTML 30Page - STMicroelectronics AN3233 Datasheet HTML 31Page - STMicroelectronics AN3233 Datasheet HTML 32Page - STMicroelectronics AN3233 Datasheet HTML 33Page - STMicroelectronics AN3233 Datasheet HTML 34Page - STMicroelectronics AN3233 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
AN3233
Transformer specifications
Doc ID 17595 Rev 1
33/35
Mechanical aspect and pin numbering
●
Maximum height from PCB: 30 mm
●
Coil former type: horizontal, 7+7 pins (pins #3 and #5 are removed)
●
Pin distance: 5.08 mm
●
Row distance: 25.4 mm.
Manufacturer
●
Magnetica - Italy
●
Transformer P/N: 1860.0034
Table 8.
Transformer winding data
Pins
Winding
RMS current
Number of turns
Wire type
2 - 4
PRIMARY
1.2 ARMS
34
30
x
φ 0.1 mm – G1
8 - 11
SEC-1A4
5 ARMS
290
x
φ 0.1 mm – G1
9 -10
SEC-1B4
5 ARMS
290
x
φ 0.1 mm – G1
10 - 13
SEC-2A(1)
1.
Secondary windings A and B are in parallel
5 ARMS
290
x
φ 0.1 mm – G1
12 - 14
SEC-2B4
5 ARMS
290
x
φ 0.1 mm – G1
6 - 7
AUX(2)
2.
Aux winding is wound on top of primary winding
0.05 ARMS
3
φ 0.28 mm– G2
Figure 28.
Transformer overall drawing
QUOTES IN MILLIMETERS
, DRAWING NOT IN SCALE
3 MIN
30 MAX
39 MAX
25.4
39 MAX
LABEL
5.08
1
2
4
6
7
PIN SIDE VIEW
14 13 12 11 10 9
8
Ø1.1 (x12) / PCB hole Ø1.6
MISSING PIN
3 AND 5
AS
PCB REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com