Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 12Page - STMicroelectronics AN3233 Datasheet HTML 13Page - STMicroelectronics AN3233 Datasheet HTML 14Page - STMicroelectronics AN3233 Datasheet HTML 15Page - STMicroelectronics AN3233 Datasheet HTML 16Page - STMicroelectronics AN3233 Datasheet HTML 17Page - STMicroelectronics AN3233 Datasheet HTML 18Page - STMicroelectronics AN3233 Datasheet HTML 19Page - STMicroelectronics AN3233 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Functional check
AN3233
16/35
Doc ID 17595 Rev 1
In Figure 13 it can be noted that the resonant current at turn-on has some oscillations due to
the charging of the resonant elements. However, current zero-crossing always lags the HB
commutations and, consequently, MOSFETs are soft switched.
Figure 14
shows the resonance current at shutdown. Due to input voltage dip, the LLC stage
operates below resonance, but current still lags the HB voltage.
Avoiding hard switching also during transitions like startup and shutdown is a must for a
reliable design, because some hard switching commutations could also damage the
converter.
No-load operation
In Figure 15 and 16, some burst mode waveforms are captured. As seen, both L6599A and
L6563H operate in burst mode. In Figure 16, it is possible to see that PFC and LLC bursts
are synchronized
.
Figure 13.
Startup resonant current
Figure 14.
Shutdown resonant current
CH1: Half-bridge
CH3 C6 voltage
CH1: Half-bridge
CH4: Res. tank current
CH4: Res. tank current
Figure 15.
No-load operation
Figure 16.
No-load operation – detail
CH1: LVG pin
CH2: PFC gate
CH1: Half-bridge
CH2: PFC Drain
CH3: Output voltage
CH4: STBY pin
CH3: PFC-STOP pin
CH4: STBY pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com