Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3233 Datasheet HTML 1Page - STMicroelectronics AN3233 Datasheet HTML 2Page - STMicroelectronics AN3233 Datasheet HTML 3Page - STMicroelectronics AN3233 Datasheet HTML 4Page - STMicroelectronics AN3233 Datasheet HTML 5Page - STMicroelectronics AN3233 Datasheet HTML 6Page - STMicroelectronics AN3233 Datasheet HTML 7Page - STMicroelectronics AN3233 Datasheet HTML 8Page - STMicroelectronics AN3233 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
AN3233
Main characteristics and circuit description
Doc ID 17595 Rev 1
5/35
1
Main characteristics and circuit description
The main features of the SMPS are:
●
Input mains range: 90
÷ 264 Vac - frequency 45
÷ 65 Hz
●
Output voltage: 12 V at 12.5 A continuous operation
●
Mains harmonics: Acc. to EN61000-3-2 Class-D or JEITA-MITI Class-D
●
Standby mains consumption: <0.2 W at 230 Vac
●
Efficiency at nominal load: > 91 % at 115 Vac
●
EMI: according to EN55022-Class-B
●
Safety: according to EN60950
●
Dimensions: 65x154 mm, 28 mm component maximum height
●
PCB: double side, 70 µm, FR-4, mixed PTH/SMT.
The circuit is composed of two stages: a front-end PFC using the L6563H and an LLC
resonant converter based on the L6599A and the SRK2000, controlling the SR MOSFETs
on the secondary side. The SR driver and the rectifier MOSFETs are mounted on a
daughterboard.
The L6563H is a current mode PFC controller operating in transition mode and implements
a high voltage start-up source to power on the converter.
The L6599A integrates all the functions necessary to properly control the resonant
converter with a 50 % fixed duty cycle and working with variable frequency.
The output rectification is managed by the SRK2000, an SR driver dedicated to LLC
resonant topology.
The PFC stage works as the pre-regulator and powers the resonant stage with a constant
voltage of 400 V. The downstream converter operates only if the PFC is on and regulating.
In this way, the resonant stage can be optimized for a narrow input voltage range.
The L6599A's LINE pin (pin 7) is dedicated to this function. It is used to prevent the resonant
converter from working with an input voltage that is too low which can cause incorrect
capacitive mode operation. If the bulk voltage (PFC output) is below 380 V, the resonant
start-up is not allowed. The L6599A LINE pin internal comparator has a hysteresis allowing
to set the turn-on and turn-off voltage independently. The turn-off threshold has been set to
300 V in order to avoid capacitive mode operation but allow the resonant stage to operate
even in the case of mains sag and consequent PFC output dip.
The transformer uses the integrated magnetic approach, incorporating the resonant series
inductance. Therefore, no external, additional coil is needed for the resonance. The
transformer configuration chosen for the secondary winding is center-tap.
On the secondary side, the SRK2000 core function is to switch on each synchronous
rectifier MOSFET whenever the corresponding transformer half-winding starts conducting
(i.e. when the MOSFET body diode starts conducting) and then switching it off when the
flowing current approaches zero. For this purpose, the IC is provided with two pins (DVS1
and DVS2) sensing the MOSFET drain voltage level.
One of the SRK2000’s main characteristics is the ability to automatically detect light load
operation and enter sleep mode, disabling MOSFET driving and decreasing its
consumption. This function allows great power saving at light load with respect to
benchmark SR solutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com