Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 9Page - STMicroelectronics AN3233 Datasheet HTML 10Page - STMicroelectronics AN3233 Datasheet HTML 11Page - STMicroelectronics AN3233 Datasheet HTML 12Page - STMicroelectronics AN3233 Datasheet HTML 13Page - STMicroelectronics AN3233 Datasheet HTML 14Page - STMicroelectronics AN3233 Datasheet HTML 15Page - STMicroelectronics AN3233 Datasheet HTML 16Page - STMicroelectronics AN3233 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AN3233
Harmonic content measurement
Doc ID 17595 Rev 1
13/35
3
Harmonic content measurement
The board has been tested according to the European standard EN61000-3-2 Class-D and
the Japanese standard JEITA-MITI Class-D, at both the nominal input voltage mains. As
shown in the following images, the circuit is able to reduce the harmonics well below the
limits of both regulations.
Figure 5.
Compliance with EN61000-3-2 at 230 Vac – 50 Hz, full load
THD = 14.70 % - PF = 0.978
Figure 6.
Compliance with JEITA-MITI at 100 Vac – 50 Hz, full load
THD = 5.20 % - PF = 0.995
On the bottom side of the diagrams the total harmonic distortion (THD) and power factor
(PF) have been measured too. The values in all conditions give a clear idea regarding the
correct functioning of the PFC.
0.1
1
Measured Value
EN610003 2 ClassD Limits
0.0001
0.001
0.01
0.1
1
1
3
579
11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]
0.1
1
Measured Value
JEITAMITI Class D Limits
0.0001
0.001
0.01
0.1
1
1
3
57
9
11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com