Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 25Page - STMicroelectronics AN3233 Datasheet HTML 26Page - STMicroelectronics AN3233 Datasheet HTML 27Page - STMicroelectronics AN3233 Datasheet HTML 28Page - STMicroelectronics AN3233 Datasheet HTML 29Page - STMicroelectronics AN3233 Datasheet HTML 30Page - STMicroelectronics AN3233 Datasheet HTML 31Page - STMicroelectronics AN3233 Datasheet HTML 32Page - STMicroelectronics AN3233 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Table 6.
EVL150W-ADP-SR evaluation board: daughter board bill of material
Des.
Part type/
part value
Description
Supplier
Case
C501
4nF7
50 V cercap - general purpose
VISHAY
0805
C502
100 nF
50 V cercap - general purpose
VISHAY
0805
C503
1 uF
50 V cercap - general purpose
VISHAY
0805
D501
BAS316
Fast switching signal diode
STMicroelectronics
SOD-123
D502
BAS316
Fast switching signal diode
STMicroelectronics
SOD-123
JP501
HEADER 13
13-pin connector
Q501
STL140N4LLF5
N-channel power MOSFET
STMicroelectronics
POWER FLAT
Q502
STL140N4LLF5
N-channel power MOSFET
STMicroelectronics
POWER FLAT
R501
10R
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R502
10R
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R503
10R
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R504
150k
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
0805
R505
33k
SMD standard film res - 1/8 W - 1 % - 100 ppm/°C
VISHAY
0805
R506
330R
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
R507
330R
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
RX1
0R0
SMD standard film res - 1/8 W - 5 % - 250 ppm/°C
VISHAY
0805
U501
SRK2000
SR smart driver for LLC resonant converter
STMicroelectronics
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com