Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 26Page - STMicroelectronics AN3233 Datasheet HTML 27Page - STMicroelectronics AN3233 Datasheet HTML 28Page - STMicroelectronics AN3233 Datasheet HTML 29Page - STMicroelectronics AN3233 Datasheet HTML 30Page - STMicroelectronics AN3233 Datasheet HTML 31Page - STMicroelectronics AN3233 Datasheet HTML 32Page - STMicroelectronics AN3233 Datasheet HTML 33Page - STMicroelectronics AN3233 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
PFC coil specification
AN3233
30/35
Doc ID 17595 Rev 1
8
PFC coil specification
General description and characteristics
●
Application type: consumer, home appliance
●
Transformer type: open
●
Coil former: vertical type, 6+6 pins
●
Max. temp. rise: 45 ºC
●
Max. operating ambient temperature: 60 ºC
●
Mains insulation: n.a.
●
Unit finishing: varnished.
Electrical characteristics
●
Converter topology: boost, transition mode
●
Core type: PQ26/25-PC44 or equivalent
●
Min. operating frequency: 40 kHz
●
Typical operating frequency: 120 kHz
●
Primary inductance: 310 µH±10 % at 1 kHz-0.25 V(a)
●
Peak current: 5.6 Apk.
Electrical diagram and winding characteristics
a.
Measured between pins #5 and #9
Figure 25.
PFC coil electrical diagram
Table 7.
PFC coil winding data
Pins
Windings
RMS current
Number of turns
Wire type
11 - 3
AUX
0.05 ARMS
5
φ 0.28 mm – G2
5 - 9
PRIMARY
2.3 ARMS
50
50x
φ 0.1 mm – G1
11
3
5
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com