Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 10Page - STMicroelectronics AN3233 Datasheet HTML 11Page - STMicroelectronics AN3233 Datasheet HTML 12Page - STMicroelectronics AN3233 Datasheet HTML 13Page - STMicroelectronics AN3233 Datasheet HTML 14Page - STMicroelectronics AN3233 Datasheet HTML 15Page - STMicroelectronics AN3233 Datasheet HTML 16Page - STMicroelectronics AN3233 Datasheet HTML 17Page - STMicroelectronics AN3233 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Functional check
AN3233
14/35
Doc ID 17595 Rev 1
4
Functional check
Steady-state operation
In Figure 7 some waveforms relevant to the resonant stage during steady-state operation
are given. The selected switching frequency is about 120 kHz, in order to have a good trade
off between transformer losses and dimensions. The converter operates slightly above the
resonance frequency.
Figure 8
shows the key signals of SRK2000: each rectifier MOSFET is switched on and off
according to its drain-source voltage which, during conduction time, is the voltage image of
the current flowing through the MOSFET.
Figure 7.
Resonant stage waveforms
at 115 V – 60 Hz – full load
Figure 8.
SRK2000 key signals
at 115 V – 60 Hz – full load
CH1: HB voltage
CH2: CF pin voltage
CH1: GD1 pin voltage
CH2: DVS1 pin
CH4: Res. tank current
CH3: GD2 pin voltage
CH4: DVS2 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com