Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 13Page - STMicroelectronics AN3233 Datasheet HTML 14Page - STMicroelectronics AN3233 Datasheet HTML 15Page - STMicroelectronics AN3233 Datasheet HTML 16Page - STMicroelectronics AN3233 Datasheet HTML 17Page - STMicroelectronics AN3233 Datasheet HTML 18Page - STMicroelectronics AN3233 Datasheet HTML 19Page - STMicroelectronics AN3233 Datasheet HTML 20Page - STMicroelectronics AN3233 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
AN3233
Functional check
Doc ID 17595 Rev 1
17/35
In Figure 17 and 18 the transitions from full load to no load and vice versa have been
checked. As seen in the images, both transitions are clean and there isn’t any output voltage
dip
.
Overcurrent and short-circuit protection
The L6599A is equipped with a current sensing input (pin 6, ISEN) and a dedicated
overcurrent management system. The current flowing in the resonant tank is detected and
the signal is fed into the ISEN pin. It is internally connected to a first comparator, referenced
to 0.8 V, and to a second comparator referenced to 1.5 V. If the voltage externally applied to
the pin exceeds 0.8 V, the first comparator is tripped causing an internal switch to be turned
on and the soft-start capacitor CSS to be discharged.
Under output short-circuit, this operation results in an almost constant peak primary current.
With the L6599A, the board designer can externally program the maximum time that the
converter is allowed to run overloaded or under short-circuit conditions. Overloads or short-
circuits lasting less than the set time do not cause any other action, therefore providing the
system with immunity to short duration phenomena. If, instead, the overload condition
continues, a protection procedure is activated that shuts down the L6599A and, in case of
continuous overload/short-circuit, results in continuous intermittent operation with a user
defined duty cycle. This function is realized with the DELAY pin (pin 2), by means of a
capacitor C45 and the parallel resistor R24 connected to ground. As the voltage on the
ISEN pin exceeds 0.8 V, the first OCP comparator, in addition to discharging CSS, turns on
an internal 150 µA current generator that, via the DELAY pin, charges C45. As the voltage
on C45 is 3.5 V, the L6599A stops switching and the PFC_STOP pin is pulled low. Also the
internal generator is turned off, so that C45 is now slowly discharged by R24. The IC
restarts when the voltage on C45 is less than 0.3 V. Additionally, if the voltage on the ISEN
pin reaches 1.5 V for any reason (e.g. transformer saturation), the second comparator is
triggered, the L6599A shuts down and the operation is resumed after an off-on cycle.
Figure 19
shows intermittent operations caused by an output short-circuit: average output
current is limited, preventing the converter from overheating and consequent failure.
Figure 17.
Transition full load to no load
at 115 Vac – 60 Hz
Figure 18.
Transition no load to full load
at 115 Vac – 60 Hz
CH1: LVG pin
CH2: PFC gate
CH1: LVG pin
CH2: PFC gate
CH3: Output voltage
CH4: Output current
CH3: Output voltage
CH4: Output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com