Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 15Page - STMicroelectronics AN3233 Datasheet HTML 16Page - STMicroelectronics AN3233 Datasheet HTML 17Page - STMicroelectronics AN3233 Datasheet HTML 18Page - STMicroelectronics AN3233 Datasheet HTML 19Page - STMicroelectronics AN3233 Datasheet HTML 20Page - STMicroelectronics AN3233 Datasheet HTML 21Page - STMicroelectronics AN3233 Datasheet HTML 22Page - STMicroelectronics AN3233 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
AN3233
Thermal map
Doc ID 17595 Rev 1
19/35
5
Thermal map
In order to check the design reliability, a thermal mapping by means of an IR camera was
done. In Figure 20 and 21 the thermal measurements of the board, component side, at
nominal input voltage, are shown. Some pointers, visible in the images, have been placed
across key components or components showing high temperature. The ambient
temperature during both measurements was 27 °C.
Figure 20.
Thermal map at 115 Vac – 60 Hz - full load
Figure 21.
Thermal map at 230 Vac – 50 Hz - full load
Table 3.
Thermal maps reference points
Point
Reference
Description
A
D1
Bridge rectifier
B
L1
EMI filtering inductor
C
L2
PFC inductor
D
Q8
ICs supply regulator
E
D4
PFC output diode
F
R6
Inrush limiting NTC resistor
G
Q4
Resonant low side MOSFET
H
T1
Resonant power transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com