Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 27Page - STMicroelectronics AN3233 Datasheet HTML 28Page - STMicroelectronics AN3233 Datasheet HTML 29Page - STMicroelectronics AN3233 Datasheet HTML 30Page - STMicroelectronics AN3233 Datasheet HTML 31Page - STMicroelectronics AN3233 Datasheet HTML 32Page - STMicroelectronics AN3233 Datasheet HTML 33Page - STMicroelectronics AN3233 Datasheet HTML 34Page - STMicroelectronics AN3233 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
AN3233
PFC coil specification
Doc ID 17595 Rev 1
31/35
Mechanical aspects and pin numbering
Maximum height from PCB: 30 mm
Coil former type: vertical, 6+6 pins (Pins 1, 2, 4, 6, 7, 10, 12 are removed)
Pin distance: 3.81 mm
Row distance: 25.4 mm
External copper shield: not insulated, wound around the ferrite core and including the
coil former. Height is 8 mm. Connected to pin #3 by a soldered solid wire.
Manufacturer
Magnetica - Italy
Inductor P/N: 1975.0004
Figure 26.
PFC coil mechanical aspect
DIMENSIONS IN MILLIMETERS
, DRAWING NOT IN SCALE
3.81
11
3
3
5
9
8
28 MAX
30 MAX
22.86
BOTTOM VIEW
(PIN SIDE)
11.43
∅ 0.9 (X5)
RECOMMENDED PCB HOLE
∅1.3
3
5
9
11.43
30 MAX
11
25.40
3.81
3.81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com