Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 18Page - STMicroelectronics AN3233 Datasheet HTML 19Page - STMicroelectronics AN3233 Datasheet HTML 20Page - STMicroelectronics AN3233 Datasheet HTML 21Page - STMicroelectronics AN3233 Datasheet HTML 22Page - STMicroelectronics AN3233 Datasheet HTML 23Page - STMicroelectronics AN3233 Datasheet HTML 24Page - STMicroelectronics AN3233 Datasheet HTML 25Page - STMicroelectronics AN3233 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
7
Bill of material
Table 5.
EVL150W-ADP-SR demonstration board: motherboard bill of materials
Des.
Part type/
part value
Description
Supplier
Case
C1
470N
X2 - film cap - B32922C3474K
EPCOS
9.0 × 18.0 p15 mm
C2
2N2
Y1 safety cap. DE1E3KX222M
MURATA
p10 mm
C3
2N2
Y1 safety cap. DE1E3KX222M
MURATA
p10 mm
C4
470N
X2 - film cap - B32922C3474K
EPCOS
9.0 × 18.0 p15 mm
C5
470N
520 V - film cap - B32673Z5474K
EPCOS
7.0 x 26.5 p22.5 mm
C6
4N7
50 V cercap - general purpose
AVX
0805
C7
100N
100 V cercap - general purpose
AVX
PTH
C8
10 uF - 50 V
Aluminium elcap - YXF series - 105 °C
RUBYCON
DIA 5.0 x 11 p2 mm
C9
100 uF - 450 V
Aluminium elcap - UPZ2W101MHD
NICHICON
DIA 18 x 32 mm
C10
1N0
50 V cercap - general purpose
AVX
0805
C11
2N2
50 V cercap - general purpose
AVX
0805
C12
1 uF
25 V cercap - general purpose
AVX
0805
C13
680N
25 V cercap - general purpose
AVX
1206
C14
68N
50 V cercap - general purpose
AVX
0805
C15
47 uF - 50 V
Aluminium elcap - YXF series - 105 °C
RUBYCON
DIA 6.3 x 11p2.5 mm
C16
2N2
50 V cercap - general purpose
AVX
1206
C17
330PF
50 V - 5 % - C0G - cercap
AVX
0805
C18
4u7F
25 V cercap - general purpose
MURATA
1206
C19
100N
50 V cercap - general purpose
AVX
1206
C20
2N2
Y1 safety cap. DE1E3KX222M
MURATA
p10 mm
C21
2N2
Y1 safety cap. DE1E3KX222M
MURATA
p10 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com