Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3233 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3233
Description  This application note describes the characteristics
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3233 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3233 Datasheet HTML 7Page - STMicroelectronics AN3233 Datasheet HTML 8Page - STMicroelectronics AN3233 Datasheet HTML 9Page - STMicroelectronics AN3233 Datasheet HTML 10Page - STMicroelectronics AN3233 Datasheet HTML 11Page - STMicroelectronics AN3233 Datasheet HTML 12Page - STMicroelectronics AN3233 Datasheet HTML 13Page - STMicroelectronics AN3233 Datasheet HTML 14Page - STMicroelectronics AN3233 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
AN3233
Efficiency measurement
Doc ID 17595 Rev 1
11/35
2
Efficiency measurement
EPA rev. 2.0 external power supply compliance verification
Table 1
shows the no-load consumption and the overall efficiency, measured at the nominal
mains voltages. At 115 Vac the average efficiency is 90.6 %, while at 230 Vac it is 91.8 %.
Both values are much higher than the 87 % required by EPA rev 2.0 external power supply
(EPS) limits.
The efficiency at nominal load, 230 Vac, is 94 %, which is a very high efficiency for a double
stage converter and confirms the benefit of implemented SR.
Also at no load the board performances are superior: maximum no-load consumption at
nominal mains voltage is 200 mW; this value is significantly lower than the limit imposed by
the ENERGY STAR program which is 500 mW.
Table 1.
Overall efficiency
Test
230 V - 50 Hz
115 V - 60 Hz
Vout
[V]
Iout
[A]
Pout
[W]
Pin
[W]
Eff.
[%]
Vout
[V]
Iout
[A]
Pout
[W]
Pin
[W]
Eff.
[%]
No load
12.10
0.00
0.00
0.20
----------- 12.10
0.00
0.00
0.20
-----------
25 % load eff.
12.14
3.10
37.63
43.15
87.2 %
12.13
3.10
37.60
43.08
87.3 %
50 % load eff.
12.14
6.19
75.15
81.30
92.4 %
12.12
6.19
75.02
82.34
91.1 %
75 % load eff.
12.08
9.37
113.19 120.81
93.7 %
12.07
9.38
113.22 123.00
92.0 %
100 % load eff. 12.04 12.47 150.14 159.79
94.0 %
12.04 12.50 150.50 163.90
91.8 %
Average eff.
91.8 %
90.6 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com