Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 5Page - STMicroelectronics AN4077 Datasheet HTML 6Page - STMicroelectronics AN4077 Datasheet HTML 7Page - STMicroelectronics AN4077 Datasheet HTML 8Page - STMicroelectronics AN4077 Datasheet HTML 9Page - STMicroelectronics AN4077 Datasheet HTML 10Page - STMicroelectronics AN4077 Datasheet HTML 11Page - STMicroelectronics AN4077 Datasheet HTML 12Page - STMicroelectronics AN4077 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AN4077
Bill of material
Doc ID 022997 Rev 1
9/33
R2
1M0
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R3
3M3
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R4
100R
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R5
68 K
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R6
3M3
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R8
1M0
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R9
2M2
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R10
1M0
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R11
2M2
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R12
2M2
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R13
62 K
0805
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R14
27 K
0805
SMD standard film res.-1/8 W-1%-100 ppm/°C
Vishay
R15
51 K
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R17
2M2
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R18
82 K
0805
SMD standard film res.-1/8 W-5%-250 ppm/°C
Vishay
R19
51 K
1206
SMD standard film res.-1/4 W-5%-250 ppm/°C
Vishay
R20
N.M.
0805
R21
27R
1206
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R22
100 K
0805
SMD standard film res.-1/8 W-5%-250 ppm/°C
Vishay
R24
220R
PTH
SFR25 AXIAL stand. film res.-0.4 W-5%-250
ppm/°C
Vishay
R25
0R47
PTH
SFR25 AXIAL stand. film res.-0.4 W-5%-250
ppm/°C
Vishay
R26
0R68
PTH
SFR25 AXIAL stand. film res.-0.4 W-5%-250
ppm/°C
Vishay
R27
1 M
0805
SMD standard film res.-1/4 W-1%-100 ppm/°C
Vishay
R30
1 K
1206
SMD standard film res.-1/4 W-5%-250 ppm/°C
Vishay
R31
10R
1206
SMD standard film res.-1/4 W-5%- 250 ppm/°C
Vishay
U1
L6564H
SO - 16
IC controller
ST
Table 2.
EVL6564H-100W TM PFC demonstration board bill of material (continued)
Des.
Part type/part
value
Case/package
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com