Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 16Page - STMicroelectronics AN4077 Datasheet HTML 17Page - STMicroelectronics AN4077 Datasheet HTML 18Page - STMicroelectronics AN4077 Datasheet HTML 19Page - STMicroelectronics AN4077 Datasheet HTML 20Page - STMicroelectronics AN4077 Datasheet HTML 21Page - STMicroelectronics AN4077 Datasheet HTML 22Page - STMicroelectronics AN4077 Datasheet HTML 23Page - STMicroelectronics AN4077 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Test results and significant waveforms
AN4077
20/33
Doc ID 022997 Rev 1
the operation. For a short time the energy is supplied by the VCC capacitor, and then the
auxiliary winding with the charge pump circuit takes over. At the same time, the output
voltage rises from peak value of the rectified mains to the nominal value of the PFC output
voltage. The good margin phase of the compensation network allows a clean startup,
without any large overshoot.
4.4
PFC_OK pin and feedback failure (open loop) protection
During normal operation, the voltage control loop provides for the output voltage (Vout) of
the PFC pre-regulator close to its nominal value, set by the resistors ratio of the feedback
output divider. In the L6564H a pin of the device (PFC_OK, pin #6) has been dedicated to
monitoring the output voltage with a separate resistor divider made up of R3, R6, R11 (high)
and R15 (low), see
Figure 2. This divider is selected so that the voltage at the pin reaches
2.5 V if the output voltage exceeds a preset value (Vovp), usually larger than the maximum
Vout that can be expected, also including worst-case load/line transients.
For the EVL6564H-100W we have:
–
Vo = 400 V
–
Vovp = 434 V
Select:
–
R3+R6+R11= 8.8 M
Ω
then:
–
R15 = 8.8 M
Ω ·2.5/(434-2.5) = 51 kΩ
Once this function is triggered, the gate drive activity is immediately stopped until the
voltage on the PFC_OK pin drops below 2.4 V. An example is reported in
Figure 29.
Note that both feedback dividers connected to the L6564H pin #1 (INV) and pin #6
(PFC_OK) can be selected without any constraints. The unique criterion is that both dividers
Figure 27.
EVL6564H-100W startup at 90 Vac-
60 Hz-full load
Figure 28.
EVL6564H-100W startup at 265 Vac-
50 Hz-full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com