Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 20Page - STMicroelectronics AN4077 Datasheet HTML 21Page - STMicroelectronics AN4077 Datasheet HTML 22Page - STMicroelectronics AN4077 Datasheet HTML 23Page - STMicroelectronics AN4077 Datasheet HTML 24Page - STMicroelectronics AN4077 Datasheet HTML 25Page - STMicroelectronics AN4077 Datasheet HTML 26Page - STMicroelectronics AN4077 Datasheet HTML 27Page - STMicroelectronics AN4077 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
High-voltage startup generator
AN4077
24/33
Doc ID 022997 Rev 1
As the VCC voltage reaches the startup threshold (12 V typ.) the low-voltage chip starts
operating and the HV generator is cut off by the VCC_OK signal asserted high. The device is
powered by the energy stored in the VCC capacitor until the self-supply circuit (we assume
that it is made with an auxiliary winding in the transformer of the cascaded DC-DC converter
and a steering diode) develops a voltage high enough to sustain the operation. The residual
consumption of this circuit is just the one on the 15 M resistor (10 mW at 400 Vdc), typically
50-70 times lower, under the same conditions, as compared to a standard startup circuit
made with external dropping resistors.
At converter power-down the DC-DC converter loses regulation as soon as the input voltage
is so low that either peak current or maximum duty cycle limitation is tripped. VCC then drops
and stops IC activity as it falls below the UVLO threshold (9.5 V typ.). The VCC_OK signal is
de-asserted as the VCC voltage goes below a threshold VCCrestart located at about 6 V. The
HV generator can now restart. However, if Vin < VHVstart, HV_EN is de-asserted too and
the HV generator is disabled. This prevents converter restart attempts and ensures
monotonic output voltage decay at power-down in systems where brownout protection (see
the relevant section) is not used.
If the device detects a fault due to feedback failure, the internal VCCrestart is brought up to
over the VCCOff (turn-off threshold). As a result, shown in Figure 34, the voltage at pin VCC,
oscillates between its turn-on and turn-off thresholds until the HV bus is recycled and drops
below the startup threshold of the HV generator.
The high-voltage startup circuitry is capable of guaranteeing a safe behavior in the case of
short-circuit present on the DC-DC output when the VCC of both controllers are generated
by the same auxiliary winding.
Figure 39 shows how the PFC manages the VCC cycling and
the associated power transfer. At short-circuit the auxiliary circuit is no longer able to sustain
the VCC which starts dropping; on reaching its VCCOff threshold the IC stops switching,
reduces consumption and drops more until the VCCrestart threshold is tripped. Now, the
high-voltage startup generator restarts and when the VCC again crosses its turn-on
threshold, the IC starts switching. In this manner the power is transferred from mains to PFC
output only for a short time for each trep cycle.
Figure 34.
High-voltage startup behavior during latch-off protection
AM11465v1
GD
(pin 13)
Vin
VccON
t
t
t
VccOFF
Vccrestart
VHVstart
HV generator is turned on
Disable latch is reset here
HV_EN
Fault occurs here
HV generator turn-on is disabled here
Input source is removed here
t
Vcc
(pin 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com