Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 17Page - STMicroelectronics AN4077 Datasheet HTML 18Page - STMicroelectronics AN4077 Datasheet HTML 19Page - STMicroelectronics AN4077 Datasheet HTML 20Page - STMicroelectronics AN4077 Datasheet HTML 21Page - STMicroelectronics AN4077 Datasheet HTML 22Page - STMicroelectronics AN4077 Datasheet HTML 23Page - STMicroelectronics AN4077 Datasheet HTML 24Page - STMicroelectronics AN4077 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AN4077
Test results and significant waveforms
Doc ID 022997 Rev 1
21/33
must sink a current from the output bus which needs to be significantly higher than the
current biasing the error amplifier and PFC_OK comparator.
The OVP function described above is able to handle “normal” overvoltage conditions, i.e.
those resulting from an abrupt load/line change or occurring at startup. If the overvoltage is
generated by a feedback disconnection, for instance, when one of the upper resistors of the
output divider fails open, an additional circuitry detects the voltage drop of the INV pin. If the
voltage on the INV pin is lower than 1.66 V and at the same time the OVP is active, a
feedback failure is assumed. Therefore, the gate drive activity is immediately stopped, the
device is shut down, its quiescent consumption is reduced below 180 µA and the condition
is latched as long as the supply voltage of the IC is above the UVLO threshold. To restart the
system it is necessary to recycle the input power, so that the VCC voltage of the L6564H
goes below 6 V and that of the PWM controllers goes below its UVLO threshold.
Note that this function offers a complete protection against not only feedback loop failures or
erroneous settings, but also against a failure of the protection itself. Either resistor of the
PFC_OK divider failing short or open, or a PFC_OK pin floating, results in shutting down the
IC and stopping the pre-regulator. Moreover, the PFC_OK pin doubles its function as a not-
latched IC disable: a voltage below 0.23 V shuts down the IC, reducing its consumption
below 2 mA. To restart the IC simply let the voltage at the pin go above 0.27 V.
The event of an open loop is captured in
Figure 30, note that the protection intervention
latches the operation of the L6564H.
4.5
Power management and housekeeping functions
Differently from similar PFC controllers with more pins, the housekeeping functions of the
L6564H are minimized but still there, and the device, in spite of the low pin count, still has
some main functionalities that make it suitable to be implemented in high-end applications.
For example, in order to save power during light load operation or to put the converter in a
safe condition after detecting a failure of the DC-DC converter, a communication line can be
Figure 29.
EVL6564H-100W load transient at
115 Vac-60 Hz-full load to no load
Figure 30.
EVL6564H-100W open loop at 115
Vac-60 Hz-full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com