Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 23Page - STMicroelectronics AN4077 Datasheet HTML 24Page - STMicroelectronics AN4077 Datasheet HTML 25Page - STMicroelectronics AN4077 Datasheet HTML 26Page - STMicroelectronics AN4077 Datasheet HTML 27Page - STMicroelectronics AN4077 Datasheet HTML 28Page - STMicroelectronics AN4077 Datasheet HTML 29Page - STMicroelectronics AN4077 Datasheet HTML 30Page - STMicroelectronics AN4077 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
AN4077
EMI filtering and conducted EMI pre-compliance measurements
Doc ID 022997 Rev 1
27/33
7
EMI filtering and conducted EMI pre-compliance
measurements
The following figures show the peak measurement of the conducted noise at full load and
nominal mains voltages for both mains lines. The limits shown in the diagrams are EN55022
class-B which is the most popular regulation for domestic equipment using a two-wire mains
connection.
It is also useful to remember that, typically, a PFC produces a significant differential mode
noise with respect to other topologies and therefore, if an additional margin with respect to
the limits is required, it is suggested to try to increase the across-the-line (X) capacitors or
the capacitor after the rectifier bridge C5. This is more effective and cheaper than increasing
the size of the common mode filter coil which would only filter the differential mode noise by
the leakage inductance between the two windings.
To recognize if the circuit is affected by common mode or differential mode noise it is
sufficient to compare the spectrum of phase and neutral line measurements: if the two
measurements are very similar, the noise is almost totally common mode. If there is a
significant difference between the two measurement spectrums, their difference represents
the amount of differential mode noise. Of course, to obtain a reliable comparison the two
measurements must be done in the same conditions. If the peak measurement is used (like
in the following figures), some countermeasures must be used, such as synchronizing the
sweep of the spectrum analyzer with the input voltage. This is necessary with TM PFC
having a switching frequency that is modulated along the sine wave.
Because the differential mode produces the common mode noise by the magnetic field
induced by the current, decreasing the differential mode consequently limits the second one.
Figure 37.
EVL6564H-100W conducted
emission peak measurement at 100
Vac-50 Hz-full load-phase wire
Figure 38.
EVL6564H-100W conducted
emission peak measurement at 100
Vac-50 Hz-full load-neutral wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com