Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 12Page - STMicroelectronics AN4077 Datasheet HTML 13Page - STMicroelectronics AN4077 Datasheet HTML 14Page - STMicroelectronics AN4077 Datasheet HTML 15Page - STMicroelectronics AN4077 Datasheet HTML 16Page - STMicroelectronics AN4077 Datasheet HTML 17Page - STMicroelectronics AN4077 Datasheet HTML 18Page - STMicroelectronics AN4077 Datasheet HTML 19Page - STMicroelectronics AN4077 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Test results and significant waveforms
AN4077
16/33
Doc ID 022997 Rev 1
time constant. If it is too small, the voltage generated is affected by a considerable amount
of ripple at twice the mains frequency that causes distortion of the current reference
(resulting in high THD and poor PF); if it is too large, there is a considerable delay in setting
the right amount of feed-forward, resulting in excessive overshoot and undershoot of the
pre-regulator output voltage in response to large line voltage changes. Clearly a trade-off
was required. The L6564H realizes an innovative voltage feed-forward which, with a
technique that makes use of just two external parts, overcomes this time constant trade-off
issue whichever voltage change occurs on the mains, both surges and drops. A capacitor
CFF and a resistor RFF, both connected from pin VFF (pin #5) to ground, complete an
internal peak-holding circuit that provides a DC voltage equal to the peak of the rectified
sine wave applied on the MULT pin (pin #3). In this way, in the case of sudden line voltage
rise, CFF is rapidly charged through the low impedance of the internal diode; in the case of
line voltage drop, an internal “mains drop” detector enables a low impedance switch which
suddenly discharges CFF avoiding a long settling time before reaching the new voltage
level. Consequently, an acceptably low steady-state ripple and low current distortion can be
achieved without any considerable undershoot or overshoot on the preregulator output like
in systems with no feed-forward compensation.
In
Figure 19 we see the behavior of the EVL6564H-100W demonstration board in the case
of an input voltage surge from 90 to 140 Vac: in the figure it is evident that the VFF function
provides for the stability of the output voltage which is not affected by the input voltage
surge. In fact, thanks to the VFF function, the compensation of the input voltage variation is
very fast and the output voltage remains stable at its nominal value. The opposite is
confirmed in
Figure 18: the behavior of a PFC using the L6562A and delivering the same
output power is shown: in the case of a mains surge, the controller cannot compensate it
and the output voltage stability is guaranteed by the feedback loop only. Unfortunately, as
previously mentioned, its bandwidth is narrow and therefore the output voltage has a
significant deviation from the nominal value. The circuit has the same behavior in the case of
mains surge at any input voltage, and it is not affected even if the input mains surge
happens at any point of the input sine wave.
Figure 18.
L6562A input mains surge 90 Vac to
140 Vac-no VFF input
Figure 19.
L6564H 100 W TM PFC
demonstration board: input mains
surge 90 Vac to 140 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com