Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 9Page - STMicroelectronics AN4077 Datasheet HTML 10Page - STMicroelectronics AN4077 Datasheet HTML 11Page - STMicroelectronics AN4077 Datasheet HTML 12Page - STMicroelectronics AN4077 Datasheet HTML 13Page - STMicroelectronics AN4077 Datasheet HTML 14Page - STMicroelectronics AN4077 Datasheet HTML 15Page - STMicroelectronics AN4077 Datasheet HTML 16Page - STMicroelectronics AN4077 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN4077
Test results and significant waveforms
Doc ID 022997 Rev 1
13/33
THD (total harmonic distortion) of the current is considerably reduced. A major cause of this
distortion is the inability of the system to transfer energy effectively when the instantaneous
line voltage is very low. This effect is magnified by the high frequency filter capacitor placed
after the bridge rectifier, which retains some residual voltage that causes the diodes of the
bridge rectifier to be reverse-biased and the input current flow to temporarily stop. To
overcome this issue the device forces the PFC pre-regulator to process more energy near
the line voltage zero-crossings as compared to that commanded by the control loop. This
results in both minimizing the time interval where energy transfer is lacking and fully
discharging the high-frequency filter capacitor after the bridge. Essentially, the circuit
artificially increases the ON-time of the power switch with a positive offset added to the
output of the multiplier in the proximity of the line voltage zero-crossings. This offset is
reduced as the instantaneous line voltage increases, so that it becomes negligible as the
line voltage moves toward the top of the sinusoid. Furthermore, the offset is modulated by
the voltage on the VFF pin so as to have little offset at low line, where energy transfer at
zero-crossings is typically quite good, and a larger offset at high line where the energy
transfer gets worse. To get the maximum benefit of the THD optimizer circuit, the high-
frequency filter capacitors after the bridge rectifier should be minimized, compatible with
EMI filtering needs. A large capacitance, in fact, introduces a conduction dead-angle of the
AC input current, therefore reducing the effectiveness of the optimizer circuit.
In
Figure 13 and Figure 14 the detail of the waveforms at switching frequency allows the
operating frequency and the current peak at top of the input sine wave during operation at
100 Vac and 230 Vac to be measured. Multiplier waveform has been captured as referenc.
Figure 12.
L6564H 100 W TM PFC
demonstration board: Vds and
inductor current at 100 Vac-50 Hz-
full load
Figure 13.
L6564H 100 W TM PFC
demonstration board: zoom of Vds
and inductor current at 100 Vac-
50 Hz-full load
CH1: Q1 Drain voltage
CH2: MULT voltage - Pin # 3
CH4: L 2 inductor current
AM11506v1
CH1: Q1 Drain voltage
CH2: MULT voltage - Pin # 3
AM11507v1
CH4: L 2 inductor current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com