Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 8Page - STMicroelectronics AN4077 Datasheet HTML 9Page - STMicroelectronics AN4077 Datasheet HTML 10Page - STMicroelectronics AN4077 Datasheet HTML 11Page - STMicroelectronics AN4077 Datasheet HTML 12Page - STMicroelectronics AN4077 Datasheet HTML 13Page - STMicroelectronics AN4077 Datasheet HTML 14Page - STMicroelectronics AN4077 Datasheet HTML 15Page - STMicroelectronics AN4077 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Test results and significant waveforms
AN4077
12/33
Doc ID 022997 Rev 1
The measured output voltage at different line and static load conditions is reported in the
diagram of
Figure 11 on the right. As can be seen, the voltage is very stable over all the
input voltage and output load range.
4.2
Inductor current in TM and L6564H THD optimizer
In the following figures the waveforms relevant to the inductor current at different voltage
mains are reported: as seen in
Figure 12 and 11, the peak inductor current waveform over a
line half-period follows the MULT (pin #3) at both input mains voltages and therefore the line
current is in phase with the input AC voltage, giving low distortion of the current waveform
and high power factor. On both the drain voltage traces, close to the zero-crossing points of
the sine wave, it is possible to note the action of the THD optimizer embedded in the
L6564H. It is a circuit that minimizes the conduction dead-angle occurring to the AC input
current near the zero-crossings of the line voltage (crossover distortion). In this way, the
Figure 9.
L6564H 100 W TM PFC
demonstration board: efficiency vs
output power
Figure 10.
L6564H 100 W TM PFC
demonstration board: average
efficiency acc. to ES-2
AM11534v1
92.00%
92.50%
93.00%
93.50%
94.00%
94.50%
95.00%
95.50%
96.00%
96.50%
97.00%
97.50%
98.00%
Pout =100W
Pout =75W
Pout =50W
Pout =25W
Output Power
Eff. @100Vac-50Hz
Eff. @115Vac-60Hz
Eff. @230Vac-50Hz
AM11535v1
93.0%
94.0%
95.0%
96.0%
97.0%
Vin_ac [Vrms]
AC input voltage
Av. Eff. @100Vac-50Hz
Av. Eff. @115Vac-60Hz
Av. Eff. @230Vac-50Hz
Figure 11.
L6564H 100 W TM PFC demonstration board: static Vout regulation vs
output power
AM11536v1
403.0
403.5
404.0
404.5
405.0
405.5
406.0
Pout =100W
Pout =75W
Pout =50W
Pout =25W
Output Power
Vout @100Vac-50Hz
Vout @115Vac-60Hz
Vout @230Vac-50Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com