Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 14Page - STMicroelectronics AN4077 Datasheet HTML 15Page - STMicroelectronics AN4077 Datasheet HTML 16Page - STMicroelectronics AN4077 Datasheet HTML 17Page - STMicroelectronics AN4077 Datasheet HTML 18Page - STMicroelectronics AN4077 Datasheet HTML 19Page - STMicroelectronics AN4077 Datasheet HTML 20Page - STMicroelectronics AN4077 Datasheet HTML 21Page - STMicroelectronics AN4077 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Test results and significant waveforms
AN4077
18/33
Doc ID 022997 Rev 1
Another function integrated in the L6564H is the brownout protection, which is basically a
not-latched shutdown function that must be activated when a mains undervoltage condition
is detected. This abnormal condition may cause overheating of the primary power section
due to an excess of RMS current. Brownout can also cause the PFC pre-regulator to work in
open loop and this may be dangerous to the PFC stage itself and the downstream converter,
should the input voltage return abruptly to its rated value. Another problem is the spurious
restarts that may occur during converter power-down and that cause the output voltage of
the converter not to decay to zero monotonically. For these reasons it is usually preferable to
shut down the unit in case of brownout. Brownout thresholds are internally fixed at 0.88 V
(typ.) for enabling operation and 0.8 V (typ.) for disabling the L6564H. Sensing of the input
mains condition is done by an internal comparator connected to pin VFF (PIN #5) which
delivers a voltage signal proportional to the input mains.
Figure 22.
L6563 100 W TM PFC
demonstration board: input current
at 100 Vac-50 Hz CFF=0.47 µF,
RFF=390 k
Ω
Figure 23.
L6564H 100 W TM PFC
demonstration board: input current
at 100 Vac-50 Hz CFF=1 µF, RFF=1 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com