Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 19Page - STMicroelectronics AN4077 Datasheet HTML 20Page - STMicroelectronics AN4077 Datasheet HTML 21Page - STMicroelectronics AN4077 Datasheet HTML 22Page - STMicroelectronics AN4077 Datasheet HTML 23Page - STMicroelectronics AN4077 Datasheet HTML 24Page - STMicroelectronics AN4077 Datasheet HTML 25Page - STMicroelectronics AN4077 Datasheet HTML 26Page - STMicroelectronics AN4077 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
AN4077
High-voltage startup generator
Doc ID 022997 Rev 1
23/33
5
High-voltage startup generator
Figure 32 shows the internal schematic of the high-voltage startup generator (HV
generator). It is made up of a high-voltage N-channel FET, whose gate is biased by a 15 M
resistor, with a temperature-compensated current generator connected to its source.
Figure 32.
High-voltage startup generator: internal schematic
The HV generator is physically located on a separate chip, made with BCD™ offline
technology able to withstand 700 V, controlled by a low-voltage chip, where all of the control
functions reside.
With reference to the timing diagram of
Figure 33, when power is first applied to the
converter, the voltage on the bulk capacitor (Vin) builds up and, at about 80 V, the HV
generator is enabled to operate (HV_EN is pulled high) so that it draws about 1 mA. This
current, minus the device consumption, charges the bypass capacitor connected from pin
VCC (14) to ground and makes its voltage rise almost linearly.
Figure 33.
Timing diagram: normal power-up and power-down sequences
AM11463v1
15MW
GND
HVS
Vcc
14
12
8
Icharge
Vcc_OK
IHV
CONTROL
HV_EN
AM11464v1
Vcc
(pin 14)
GD
(pin 13)
HV_EN
VccON
VccOFF
Vccrestart
t
t
t
t
VHV
VHVstart
Icharge
0.85 mA
t
t
Vcc_OK
Power-on
Power-off
Normal
operation
DC - DC loses regulation here
Input source is removed here
Bulk cap voltage
HV connected to
rectified input voltage
Rectified input voltage
HV connected to bulk cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com