Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 10Page - STMicroelectronics AN4077 Datasheet HTML 11Page - STMicroelectronics AN4077 Datasheet HTML 12Page - STMicroelectronics AN4077 Datasheet HTML 13Page - STMicroelectronics AN4077 Datasheet HTML 14Page - STMicroelectronics AN4077 Datasheet HTML 15Page - STMicroelectronics AN4077 Datasheet HTML 16Page - STMicroelectronics AN4077 Datasheet HTML 17Page - STMicroelectronics AN4077 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Test results and significant waveforms
AN4077
14/33
Doc ID 022997 Rev 1
In
Figure 16 and Figure 17 the detail of the waveforms at switching frequency allows the
operation of the transition mode control to be seen: once the inductor has transferred all the
energy stored, a falling edge on the ZCD pin (pin #11) is detected and it triggers a new ON-
time by setting the gate drive high. As soon as the current signal on the CS pin (pin #4) has
reached the level programmed by the internal multiplier circuitry according to the input
mains instantaneous voltage and the error amplifier output level, the gate drive is set low
and MOSFET conduction is stopped. A following OFF-time transfers the energy stored in
the inductor into the output capacitor and to the load. At the end of the current conduction a
new demagnetization is detected by the ZCD that provides for a new ON-time of the
MOSFET.
Figure 14.
L6564H 100 W TM PFC
demonstration board: Vds and
inductor current at 230 Vac-50 Hz-
full load
Figure 15.
L6564H 100 W TM PFC
demonstration board: zoom of Vds
and inductor current at 230 Vac-
50 Hz-full load
AM11508v1
CH1: Q1 Drain voltage
CH2: MULT voltage - Pin # 3
-
CH4: L 2 inductor current
AM11509v1
CH1: Q1 Drain voltage
CH2: MULT voltage - Pin # 3
-
CH4: L 2 inductor current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com