Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 15Page - STMicroelectronics AN4077 Datasheet HTML 16Page - STMicroelectronics AN4077 Datasheet HTML 17Page - STMicroelectronics AN4077 Datasheet HTML 18Page - STMicroelectronics AN4077 Datasheet HTML 19Page - STMicroelectronics AN4077 Datasheet HTML 20Page - STMicroelectronics AN4077 Datasheet HTML 21Page - STMicroelectronics AN4077 Datasheet HTML 22Page - STMicroelectronics AN4077 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN4077
Test results and significant waveforms
Doc ID 022997 Rev 1
19/33
Because the brownout thresholds in the L6564H are internally fixed, the startup and
shutdown threshold can be adjusted slightly modifying the resistor values used for the MULT
pin. In
Figure 24 a startup tentative below the startup threshold is captured. As seen, at
startup the brownout function does not allow the PFC startup even if the VCC has reached
the L6564H turn-on threshold.
In
Figure 25 and 26 the circuit waveforms during brownout protection operation are
captured. In both cases the mains voltages were increased or decreased slowly: as can be
seen, at turn-on or at turn-off there are no bouncing or starting attempts by the PFC
converter.
In
Figure 27 and 28 the waveforms during the startup of the circuit at mains plug-in are
reported. Note that the VCC voltage rises up to the turn-on threshold, and the L6564H starts
Figure 24.
EVL6564H-100W startup attempt at 80 Vac-60 Hz-full load
AM11518v1
Figure 25.
EVL6564H-100W startup with slow
input voltage increasing-full load
Figure 26.
EVL6564H-100W turn-off with slow
input voltage decreasing-full load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com