Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 13Page - STMicroelectronics AN4077 Datasheet HTML 14Page - STMicroelectronics AN4077 Datasheet HTML 15Page - STMicroelectronics AN4077 Datasheet HTML 16Page - STMicroelectronics AN4077 Datasheet HTML 17Page - STMicroelectronics AN4077 Datasheet HTML 18Page - STMicroelectronics AN4077 Datasheet HTML 19Page - STMicroelectronics AN4077 Datasheet HTML 20Page - STMicroelectronics AN4077 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AN4077
Test results and significant waveforms
Doc ID 022997 Rev 1
17/33
In
Figure 21 the circuit behavior in the case of mains dip is reported: as previously
described, the internal circuitry has detected the decreasing of the mains voltage and it has
activated the CFF internal fast discharge. As seen, in this case the output voltage changes
but in few mains cycles it returns to the nominal value. The situation is different if the
performance of a controller without the VFF function is still checked. In
Figure 20 the
behavior of a PFC using the L6562A delivering similar output power is reported: in the case
of a mains dip from 140 Vac to 90 Vac the output voltage variation is not very different but the
output voltage requires a longer time to restore the original value. When performing tests
with a wider voltage variation (e.g. 265 Vac to 90 Vac) the output voltage variation of a PFC
without the voltage feed-forward fast discharging is much more emphasized.
The fast discharge system allows to size the external RFF • CFF time constant on the VFF
pin in order to minimize the ripple on the CFF capacitor. The effect of this improvement can
be appreciated comparing the input current shape in a 100 W PFC board with a controller
without fast discharge feature (
Figure 22) in respect to the input current shape in the same
board with the L6564H (
Figure 23).
In
Figure 23 the input current of the L6564H has a better shape and the 3rd harmonic
current distortion is not noticeable: this demonstrates the benefits of the new voltage feed-
forward circuit integrated in the L6564H.
Figure 20.
L6562A input mains dip 140 Vac to
90 Vac-no VFF input
Figure 21.
L6564H 100 W TM PFC
demonstration board: input mains
dip 140 Vac to 90 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com