Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4077 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4077
Description  100 W transition-mode PFC pre-regulator with the new L6564H
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4077 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4077 Datasheet HTML 7Page - STMicroelectronics AN4077 Datasheet HTML 8Page - STMicroelectronics AN4077 Datasheet HTML 9Page - STMicroelectronics AN4077 Datasheet HTML 10Page - STMicroelectronics AN4077 Datasheet HTML 11Page - STMicroelectronics AN4077 Datasheet HTML 12Page - STMicroelectronics AN4077 Datasheet HTML 13Page - STMicroelectronics AN4077 Datasheet HTML 14Page - STMicroelectronics AN4077 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
AN4077
Test results and significant waveforms
Doc ID 022997 Rev 1
11/33
The power factor (PF) and the total harmonic distortion (THD) have been measured too and
the results are reported in
Figure 7 and Figure 8. As can be seen, the PF remains close to
unity throughout the input voltage mains and the total harmonic distortion is very low.
The measured efficiency is shown in
Figure 9, measured according to the ES-2
requirements: it is very good at all load and line conditions. At full load it is always higher
than 94%, making this design suitable for high efficiency power supply. The average
efficiency calculated according to the ES-2 requirements at different nominal mains voltage
are reported in the diagram of
Figure 10.
Figure 5.
L6564H 100 W TM PFC
demonstration board: input current
waveform at 230 V-50 Hz-100 W load
Figure 6.
L6564H 100 W TM PFC
demonstration board: input current
waveform at 100 V-50 Hz-100 W load
Figure 7.
L6564H 100 W TM PFC
demonstration board: power factor
vs output power
Figure 8.
L6564H 100 W TM PFC
demonstration board: THD vs
output power
0.75
0.78
0.81
0.84
0.87
0.9
0.93
0.96
0.99
Pout =100W
Pout =75W
Pout =50W
Pout =25W
Output Power
PF @100Vac-50Hz
PF @115Vac-60Hz
PF @230Vac-50Hz
AM11532v1
AM11533v1
1.00%
1.50%
2.00%
2.50%
3.00%
3.50%
4.00%
4.50%
5.00%
5.50%
6.00%
Pout =100W
Pout =75W
Pout =50W
Pout =25W
Output Power
THD @100Vac-50Hz
THD @115Vac-60Hz
THD @230Vac-50Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com