Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 2Page - STMicroelectronics AN2689 Datasheet HTML 3Page - STMicroelectronics AN2689 Datasheet HTML 4Page - STMicroelectronics AN2689 Datasheet HTML 5Page - STMicroelectronics AN2689 Datasheet HTML 6Page - STMicroelectronics AN2689 Datasheet HTML 7Page - STMicroelectronics AN2689 Datasheet HTML 8Page - STMicroelectronics AN2689 Datasheet HTML 9Page - STMicroelectronics AN2689 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Electrical hazards in the automotive environment
AN2689
6/42
Doc ID 14310 Rev 3
The ISO 10605 ESD surge test is applied to a complete system. This is simulating the ESD
occurring on an electronic module in its environment due to human body contact.
1.2.2
Hazards on the supply rail
Transients that are generated on the supply rail range from severe low level-high energy, to
high level-low energy with sometimes high dv/dt. These mainly concern ISO 7637-2 and
ISO 10605 standards.
Figure 4 shows a simple representation of the form of major supply rail transients.
Figure 4.
Kinds of surges on power rail
The most energetic transients are those resulting from load-dump and jump start. But all
other hazards may affect the normal operation of electronic modules.
The “6 V crank” is caused by the starting of the car. The energy necessary to crank the
engine makes the power voltage drop to 6 V.
The load-dump is caused by the discharged battery being disconnected from the alternator
while the alternator is generating charging current. This transient can last 400 ms and the
equivalent generator internal resistance is specified as 0.5
minimum to 4  maximum.
The “+150/-220 V Spikes” are due to the ignition system that is necessary to ignite the
gasoline mixture. The frequency of the spikes depends on the engine rotation speed and the
number of cylinders. These generate electromagnetic radiation.
The “24 V jump start” results from the temporary application of an over voltage in excess of
the battery voltage. The circuit power supply may be subjected to a temporary over voltage
condition due to the regulator failing or deliberately generated when it is necessary to boost
start the car. In such condition some repair vehicles use 24 V battery jump to start the car.
Automotive specifications call for the support of this over voltage application for up to 60
seconds.
The “reverse battery” is the result of battery inversion by mistake. Thus accessories have
their power termination polarized in the wrong way.
The “25 kV ESD spike” is the result of electrostatic discharge (ESD)
All these events may affect the electronic environment as conducted hazards or as radiated
hazards.
Nominal
14 V
6 V Crank
87 V
Load dump
+1
/
50 -220 V
Spikes
24 V Jump start
Reverse battery
0V
±25 kV
ESD spikes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com