Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 9Page - STMicroelectronics AN2689 Datasheet HTML 10Page - STMicroelectronics AN2689 Datasheet HTML 11Page - STMicroelectronics AN2689 Datasheet HTML 12Page - STMicroelectronics AN2689 Datasheet HTML 13Page - STMicroelectronics AN2689 Datasheet HTML 14Page - STMicroelectronics AN2689 Datasheet HTML 15Page - STMicroelectronics AN2689 Datasheet HTML 16Page - STMicroelectronics AN2689 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
AN2689
Data line protection
Doc ID 14310 Rev 3
13/42
If we consider the +25 kV air discharge surge test, then, regarding the suggested
application given in Figure 16: the worked example below may be used as a guideline for
protection solution selection.
Figure 16.
ISO 10605 ESD test set-up
Identification of the best protection (Transil)
About the module to protect:
●
The protection shall be “transparent” for the normal operating conditions of the module,
in this case 13.5 V.
●
The maximum voltage the module can withstand is 45 V so the Transil will not offer a
higher voltage than 45 V when acting.
●
The max temperature is 85 °C.
About the surge to suppress:
●
The maximum voltage (Vpp) of the surge is 25 kV.
●
The surge time constant duration
 is 660 ns (R*C).
●
The maximum repetition is one strike (t1).
●
The internal series resistor of the generator is 2 k
.
About the Transil:
●
The suppressor has the following electrical characteristics (Figure 17):
Figure 17.
Transil diode electrical characteristics
Where:
Vrm is the stand-off voltage measured @Irm. This corresponds to the nominal voltage of the
application Vrm13.5 V.
Module to protect
Vnom
= 13.5 V
Vmax
= 45 V
Tmax
= 85 °C
Vcl
Surge
Generator
Vs = 25 kV contact
Rs
= 2 k
Ω
tr
≤ 1 ns
V
I
I
V
Vrm
Vbr
Vcl
Vf
Irm
Ipp
If



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com