Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 28Page - STMicroelectronics AN2689 Datasheet HTML 29Page - STMicroelectronics AN2689 Datasheet HTML 30Page - STMicroelectronics AN2689 Datasheet HTML 31Page - STMicroelectronics AN2689 Datasheet HTML 32Page - STMicroelectronics AN2689 Datasheet HTML 33Page - STMicroelectronics AN2689 Datasheet HTML 34Page - STMicroelectronics AN2689 Datasheet HTML 35Page - STMicroelectronics AN2689 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Supply rail protection
AN2689
32/42
Doc ID 14310 Rev 3
For +85 °C ambient temperature, the derating factor is 1. So the power dissipation induced
by the load dump surge is supported by the RBO40-40 device.
The RBO40-40 combines a transient suppressor diode and also a reverse battery
protection. This function is helpful in case of battery polarity inversion that can occur by
mistake. A direct diode is placed in series with the power supply so that all power supply
inversion is safe for the protection diode (see Figure 43).
The direct diode reverse battery protection can also be replaced with a simple fuse.
However, upon battery inversion this fuse will blow and the module will need to be replaced
or repaired.
Figure 44.
Use of serial protection devices for reverse battery prevention
Besides the ISO pulse 2a the Transil has to eliminate, and the reverse battery protection,
there is another condition to consider in the automotive environment. This condition is the
starting aid.
The starting aid covers the possibility of starting 12 V vehicles with a 24 V truck battery in
case of emergency. Then, the Transil nominal voltage will need to be higher than this
starting aid voltage. That is the reason the Transil nominal breakdown voltage is 27 V
minimum. In this case the Transil is not active during starting aid test. No dissipation occurs
in the device so the Transil is safe.
Module to protect
Transil
Reverse battery protection
fuse or diode
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com