Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 31Page - STMicroelectronics AN2689 Datasheet HTML 32Page - STMicroelectronics AN2689 Datasheet HTML 33Page - STMicroelectronics AN2689 Datasheet HTML 34Page - STMicroelectronics AN2689 Datasheet HTML 35Page - STMicroelectronics AN2689 Datasheet HTML 36Page - STMicroelectronics AN2689 Datasheet HTML 37Page - STMicroelectronics AN2689 Datasheet HTML 38Page - STMicroelectronics AN2689 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AN2689
PCB layout recommendations
Doc ID 14310 Rev 3
35/42
Consider the PCB layout example in Figure 50. The lengths of track that connect the Transil
to the sensitive line and the ground line are respectively 10 mm and 6 mm.
These lines show inductances of approximately 5 nH and 3 nH as shown in the schematic in
Figure 51
Figure 50.
PCB routing example
Figure 51.
Parasitic inductance due to the wiring tracks
When a +25 kV ESD air discharge is applied (ISO 10605) the remaining voltage at the
module to protect is split in three parts as shown in Figure 52.
Figure 52.
Parasitic inductance effect on fast transient
The Transil offers a clamping voltage Vcl and an internal resistance “Rd”. Whereas the
inductors bring on over voltage Ldi/dt.
To determine the Ldi/dt voltage
The ESD surge generator has an internal resistor of 2 k
. The max Voltage is +25 kV, the
rise time of the surge is specified as tr  1ns
The current that would cross the Transil is:
Module to protect
Vnom
Vmax
TVS in
SMA package
10 mm long
6 mm long
H
5 nH
H
3 nH
≈
≈
L1di/dt
+25kV ESD ISO10605
L2di/dt
Vcl
Module to protect
Vnom
Vmax
A
Vcl
I5
.
12
2000
25000
2000
25000
≈
≈
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com