Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 24Page - STMicroelectronics AN2689 Datasheet HTML 25Page - STMicroelectronics AN2689 Datasheet HTML 26Page - STMicroelectronics AN2689 Datasheet HTML 27Page - STMicroelectronics AN2689 Datasheet HTML 28Page - STMicroelectronics AN2689 Datasheet HTML 29Page - STMicroelectronics AN2689 Datasheet HTML 30Page - STMicroelectronics AN2689 Datasheet HTML 31Page - STMicroelectronics AN2689 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Supply rail protection
AN2689
28/42
Doc ID 14310 Rev 3
4.4
Supply rail protection example 2: pulse 5a load dump
ISO 7637-2
The load dump is caused by the discharged battery being disconnected from the alternator
while the alternator is generating charging current
Parameters are:
●
Pulse width -td [40 to 400 ms]
●
Pulse amplitude -Vs [65 to 87 V]
●
Impedance is Rs [0.5  to 4 
●
Vbat = 13.5 V
Figure 37.
ISO 7637-2, pulse 5a waveform characteristics
Figure 38.
Load dump protection test set up
In the same manner as for the last case (ISO pulse 2), we have to determine if the residual
voltage after the protection device is safe for the electronic module and if the power
dissipation involved in the protection device during the suppression is supported by the
protection device itself.
Consider now the RBO40-40 device (see Figure 39) which offers a surge protection
capability and a reverse battery protection.
V
bat
0V
t
d
t
r
V
s
0.1Vs
0.9Vs
t
Module to protect
Vnom =13.5 V
Vmax =45 V
Tmax = 85 °C
Vcl
Surge
Generator
Vs = 87 V
Rs =2
Ω
td = 100 ms
Tr = 10 ms
Vbat = 13.5 V
Transil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com