Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 10Page - STMicroelectronics AN2689 Datasheet HTML 11Page - STMicroelectronics AN2689 Datasheet HTML 12Page - STMicroelectronics AN2689 Datasheet HTML 13Page - STMicroelectronics AN2689 Datasheet HTML 14Page - STMicroelectronics AN2689 Datasheet HTML 15Page - STMicroelectronics AN2689 Datasheet HTML 16Page - STMicroelectronics AN2689 Datasheet HTML 17Page - STMicroelectronics AN2689 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Data line protection
AN2689
14/42
Doc ID 14310 Rev 3
Vbr is the breakdown voltage measured @1 mA. This corresponds to the beginning of the
action of the Transil.
Vcl is the clamping voltage Vcl  45 V. Its value depends on the current that flows through the
device. The relationship between this parameter and the current is given by:
Where:
●
Rd is the dynamic resistance of the Transil.
●
Ipp is the current imposed by the surge generator.
●
Irm is the leakage current measured @Vrm.
●
Vf is the direct voltage drop measured at current If depending on the application.
3.3
Design calculation example
Whatever the protection device package choice, the final choice will be directly linked to the
power dissipation demanded by the surge.
Power is:
with
The important missing parameter to solve these equations is the dynamic resistance Rd,
which depends on the current value imposed by the surge.
3.3.1
Determination of Rd
Rd is the dynamic resistance of the Transil. It is dependent on the current surge rate and
duration.
Rd is calculated by:
Where Vcl is the dynamic clamping voltage measured at Ipp for exponential surge duration.
For example, considering an SM6T27AY device (Figure 18), we can determine the Rd for a
pulse duration tp = 1 ms thanks to the 10/1000 µs parameters of Table 2:
Figure 18.
SM6T27AY package
Ipp
Rd
Vbr
Vcl
*
+
=
Ipp
Vcl
Ppp
*
=
Ipp
Rd
Vbr
Vcl
*
+
=
Ipp
Vbr
Vcl
Rd
max
-
=
K
A
Unidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com