Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 27Page - STMicroelectronics AN2689 Datasheet HTML 28Page - STMicroelectronics AN2689 Datasheet HTML 29Page - STMicroelectronics AN2689 Datasheet HTML 30Page - STMicroelectronics AN2689 Datasheet HTML 31Page - STMicroelectronics AN2689 Datasheet HTML 32Page - STMicroelectronics AN2689 Datasheet HTML 33Page - STMicroelectronics AN2689 Datasheet HTML 34Page - STMicroelectronics AN2689 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AN2689
Supply rail protection
Doc ID 14310 Rev 3
31/42
So, C = 20.35 mF.
Hence:
Then, thanks to the test curves from the load dump generator, the result is tp = 33.6 ms and
Rd = 0.22 .
From the equations in Section 4.5 on page 29, Vcl = 33.8 V and Ipp = 26.6 A, which means
the residual over voltage will be consistent with the admissible maximum voltage of the
module to protect.
4.5.2
Power dissipation determination
The peak power dissipation in the Transil will be:
Figure 42, shows that for 33.6 ms exponential surge duration the maximum admissible
power the RBO40-40 can withstand is approximately 900 W.
Figure 42.
Peak pulse versus exponential surge duration
Figure 43. shows the derating factor for the ambient temperature effect.
Figure 43.
Relative variation of peak power versus junction temperature
()
3
40
40
2
ln
2
10
35
.
20
RBO
Rd
tp
+
*
=
-
-
2
63
.
0
120
4
28
1
60
10
9
nom
tp
tp
e
Rd
⎟⎟⎠
⎞
⎜⎜⎝
⎛
-
=
*
*
-
-
Ppp
Ipp
Vcl
Ppp
549.25 W
=
⇒
*
=
1
2
5
10
20
50
100
0.1
0.2
0.5
1.0
2.0
5.0
10.0
Transil T1
Transil T2
tp(ms)
Ppp(kW)
0
25
50
75
100
125
150
175
0.00
0.20
0.40
0.60
0.80
1.00
1.20
Tj initial (°C)
Ppp[Tj]/Ppp[Tj initial=85°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com