Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 26Page - STMicroelectronics AN2689 Datasheet HTML 27Page - STMicroelectronics AN2689 Datasheet HTML 28Page - STMicroelectronics AN2689 Datasheet HTML 29Page - STMicroelectronics AN2689 Datasheet HTML 30Page - STMicroelectronics AN2689 Datasheet HTML 31Page - STMicroelectronics AN2689 Datasheet HTML 32Page - STMicroelectronics AN2689 Datasheet HTML 33Page - STMicroelectronics AN2689 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Supply rail protection
AN2689
30/42
Doc ID 14310 Rev 3
Figure 40.
LD5505 output voltage in open circuit
Figure 41.
LD5505 output current in short circuit
Figure 41 shows the current waveform corresponding to the pulse 5a of the ISO 7637-2
standard delivered by the SCHAFFNER NSG5500 generator when terminations are short
circuited
The tp duration measured between Ip and Ip/2 is 28.5 ms. Then the time constant calculated
is 40.7 ms (generator outputs short circuited).
4.5.1
Determination of Rd
For tp > 1 ms, Rdtp is given by:
tp is in seconds in this case.
, and define the transient thermal impedance (see Table 3: Transient thermal impedance
versus packages).
When the surge is applied to the RBO40-40 transient suppressor:
And the time constant is
= R
sC.
Test conditions
87 V, 100 ms
13.5 V battery voltage
Rs = 2
Ω
Ipp = 40 A
At I = 0.5 Ipp, tp = 0.7
so
= 40.7 ms
τ
τ
tp = 28.5 ms
2
1
nom
Β
tp
a
j
tp
Vbr
e
TRth
Rd
⎟⎟⎠
⎞
⎜⎜⎝
⎛
-
=
-
-
τ
α
() 2
ln
40
40
tp
RBO
Rd
Rs
C
tp
+
=
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com