Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 6Page - STMicroelectronics AN2689 Datasheet HTML 7Page - STMicroelectronics AN2689 Datasheet HTML 8Page - STMicroelectronics AN2689 Datasheet HTML 9Page - STMicroelectronics AN2689 Datasheet HTML 10Page - STMicroelectronics AN2689 Datasheet HTML 11Page - STMicroelectronics AN2689 Datasheet HTML 12Page - STMicroelectronics AN2689 Datasheet HTML 13Page - STMicroelectronics AN2689 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Data line protection
AN2689
10/42
Doc ID 14310 Rev 3
This topology is easy to manage. There should be as many protection devices as there are
lines to protect. The protection device in fact can be several single Transils but there is a
possibility to use protection devices in an array package so that one device protects each
data line as shown in Figure 9.
Figure 9.
Data line protection using a diode array
This clamping topology is good when the clamping voltage of each Transil is close to the
nominal voltage of the data lines to be protected. For example, if the nominal voltage is 5 V,
an ESDA6V1xx (Vbr = 6.1 V) protection device is ideal. The Transil offers a fixed clamping
voltage which does not require external power supply as in the rail-to-rail configuration but
for some cases it is more convenient to use the rail-to-rail topology as described below.
3.1.2
Rail-to-rail topology
The rail-to-rail topology, shown in Figure 10, is achieved using simple regular diodes. In that
case the clamping level is no longer fixed but, instead, depends on the power supply voltage
Vcc. As soon as a surge occurs, all the voltage over Vcc is diverted to the power supply as
shown in Figure 11.
In this case the remaining over voltage that the data line is exposed to is very low.
Figure 10.
Rail-to-rail protection topology
Module to protect
Vnom
Vmax
Transil array
Vcc
Module to protect
Vnom
Vmax
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com