Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2689 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2689
Description  Protection of automotive electronics from electrical hazards
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2689 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2689 Datasheet HTML 34Page - STMicroelectronics AN2689 Datasheet HTML 35Page - STMicroelectronics AN2689 Datasheet HTML 36Page - STMicroelectronics AN2689 Datasheet HTML 37Page - STMicroelectronics AN2689 Datasheet HTML 38Page - STMicroelectronics AN2689 Datasheet HTML 39Page - STMicroelectronics AN2689 Datasheet HTML 40Page - STMicroelectronics AN2689 Datasheet HTML 41Page - STMicroelectronics AN2689 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
Conclusion
AN2689
40/42
Doc ID 14310 Rev 3
Figure 63 shows a recommended PCB layout using a protection device close to the
accessories connector, and with the track loop to the module to protect minimized.
Figure 63.
Placement and routing of a protection device
6
Conclusion
Because the automotive environment is a major source of electrical hazards and electronic
equipment is becoming more sensitive, caution must be taken when electronic modules are
designed.
It is therefore very common to use protection devices to ensure the modules and systems
are safe from all hazards generated inside the vehicle.
The choice of the protection device is not easy, and moreover, surges are not well defined
even by the standards. This document helps the electronic module designer in the selection
of the protection device.
Calculations are sometimes good enough to dimension the protection device but in some
cases the surges in practice have to be monitored to determine the best protection.
Some worked examples are given in this document, particularly for the IEC 10605 and ISO
7637-2, pulse 2 and pulse 5a. Thus the way these cases are treated offers the designer a
starting point for other kinds of surge, which are yet to be defined.
Beyond the guidance offered for choosing protection devices on the basis of standard
surges, other advice is given at the same time such as the protection device routing on PCB,
the PCB layout optimization, and the protection device placement.
As a result this document should be helpful in all automotive protection design approaches.
Module to protect
Vnom
Vmax
Transil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com